Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E3F3-R69M-L Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # E3F3-R69M-L
Description  Threaded Cylindrical Photoelectric Sensor with Built-in Amplifier for Use as an Optical Proximity Sensor High Noise-immunity with Photo-IC Technology
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3F3-R69M-L Datasheet(HTML) 5 Page - Omron Electronics LLC

  E3F3-R69M-L Datasheet HTML 1Page - Omron Electronics LLC E3F3-R69M-L Datasheet HTML 2Page - Omron Electronics LLC E3F3-R69M-L Datasheet HTML 3Page - Omron Electronics LLC E3F3-R69M-L Datasheet HTML 4Page - Omron Electronics LLC E3F3-R69M-L Datasheet HTML 5Page - Omron Electronics LLC E3F3-R69M-L Datasheet HTML 6Page - Omron Electronics LLC E3F3-R69M-L Datasheet HTML 7Page - Omron Electronics LLC E3F3-R69M-L Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
E3F3 Photoelectric Sensor
5
Dimensions
Note: All units are in millimeters unless otherwise indicated.
■ Sensors
Note: Pre-wired Cord:
Polyvinyl chloride-covered cord, 4-mm dia. (18/0.12),
Standard length: 2 m
Emitter: 2-conductor (brown and blue)
Receiver and Reflective model: 3-conductor (brown, blue, and black)
M12 connector:
1: +V, 2: NC, 3: 0 V, 4: Output
Plastic housing
Metal housing
Pre-wired
M12 connector
Pre-wired
M12 connector
65
49.4
42.4
37
8
22
4
5
M18
Sensitivity adjuster
Operation indicator
E3F3-D
@2
65
49.4
42.4
37
4
5
M18
Sensitivity adjuster
Operation indicator
24
E3F3-D
@2M
73.1
49.4
42.4
37
8
4
5
M18
Sensitivity adjuster
Operation indicator
22
E3F3-D
@7
73.1
49.4
42.4
37
4
5
M18
Sensitivity adjuster
Operation indicator
24
E3F3-D
@7M
65
42.4
37
8
4
5
M18
Operation indicator
22
E3F3-T
@1
E3F3-R
@1
E3F3-R
@2
E3F3-D
@1
65
42.4
37
4
5
M18
Operation indicator
24
E3F3-T
@1M
E3F3-R
@1M
E3F3-R
@2M
E3F3-D
@1M
73.1
42.4
37
8
4
5
M18
Operation indicator
22
E3F3-T
@6
E3F3-R
@6
E3F3-R
@7
E3F3-D
@6
73.1
42.4
37
4
5
M18
Operation indicator
24
E3F3-T
@6M
E3F3-R
@6M
E3F3-R
@7M
E3F3-D
@6M
4
3
2
1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com