Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E3F3-R89M-L Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # E3F3-R89M-L
Description  Threaded Cylindrical Photoelectric Sensor with Built-in Amplifier for Use as an Optical Proximity Sensor High Noise-immunity with Photo-IC Technology
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3F3-R89M-L Datasheet(HTML) 4 Page - Omron Electronics LLC

  E3F3-R89M-L Datasheet HTML 1Page - Omron Electronics LLC E3F3-R89M-L Datasheet HTML 2Page - Omron Electronics LLC E3F3-R89M-L Datasheet HTML 3Page - Omron Electronics LLC E3F3-R89M-L Datasheet HTML 4Page - Omron Electronics LLC E3F3-R89M-L Datasheet HTML 5Page - Omron Electronics LLC E3F3-R89M-L Datasheet HTML 6Page - Omron Electronics LLC E3F3-R89M-L Datasheet HTML 7Page - Omron Electronics LLC E3F3-R89M-L Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
E3F3 Photoelectric Sensor
Operation
■ NPN Output
■ PNP Output
Object size (cm)
Object size (cm)
0
5
10
15
20
25
30
0
5
10
15
20
25
30
0
50
100
150
200
250
300
350
400
450
0
5
10
15
20
25
30
SUS
SUS
Sensing Distance vs. Object Size (Typical)
E3F3-D
@1@/D@6@
E3F3-D
@2@/D@7@
White paper
Black paper
White paper
Black paper
Model
Output
transistor
status
Timing chart
Output circuit
E3F3-T1
@@
E3F3-R1
@@
E3F3-D1
@@
Light-ON
E3F3-T6
@@
E3F3-R6
@@
E3F3-D6
@@
Dark-ON
Operation
indicator
(orange)
Control
output
Load
(relay)
Incident light
No incident light
ON
OFF
ON
OFF
Operate
Release
(Between brown and black)
Load
Brown
100 mA max.
(control output)
Black
Main
circuit
Operation indicator
(Orange)
ZD
12 to
24 VDC
Blue
1
4
3
Control
output
Load
(relay)
ON
OFF
Operate
Incident light
No incident light
Operation
indicator
(orange)
ON
OFF
Release
(Between brown and black)
100 mA max.
(control output)
Main
circuit
(Orange)
Blue
Black
Load
ZD
12 to
24 VDC
Operation indicator
Brown
Blue
1
4
3
Model
Output
transistor
status
Timing chart
Output circuit
E3F3-T3
@@
E3F3-R3
@@
E3F3-D3
@@
Light-ON
E3F3-T8
@@
E3F3-R8
@@
E3F3-D8
@@
Dark-ON
Operation
indicator
(orange)
Control
output
Load
(relay)
Incident light
No incident light
ON
OFF
ON
OFF
Operate
Release
(Between blue and black)
Main
circuit
Operation indicator
(Orange)
100 mA max.
(control
output)
Blue
Black
Load
ZD
Brown
12 to
24 VDC
1
4
3
Control
output
Load
(relay)
ON
OFF
Operate
Incident light
No incident light
Operation
indicator
(orange)
ON
OFF
Release
(Between blue and black)
Main
circuit
Operation indicator
(Orange)
100 mA max.
(control
output)
Blue
Black
Load
ZD
Brown
12 to
24 VDC
1
4
3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com