Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC705RC16GRS/D Datasheet(PDF) 66 Page - NXP Semiconductors

Part # HC705RC16GRS/D
Description  The MC68HC705RC16 is a low-cost addition to the M68HC05 Family of microcontrollers (MCUs) and is suitable for remote control applications.
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705RC16GRS/D Datasheet(HTML) 66 Page - NXP Semiconductors

Back Button HC705RC16GRS/D Datasheet HTML 62Page - NXP Semiconductors HC705RC16GRS/D Datasheet HTML 63Page - NXP Semiconductors HC705RC16GRS/D Datasheet HTML 64Page - NXP Semiconductors HC705RC16GRS/D Datasheet HTML 65Page - NXP Semiconductors HC705RC16GRS/D Datasheet HTML 66Page - NXP Semiconductors HC705RC16GRS/D Datasheet HTML 67Page - NXP Semiconductors HC705RC16GRS/D Datasheet HTML 68Page - NXP Semiconductors HC705RC16GRS/D Datasheet HTML 69Page - NXP Semiconductors HC705RC16GRS/D Datasheet HTML 70Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 120 page
background image
Carrier Modulator Transmitter (CMT)
General Release Specification
MC68HC705RC16 — Rev. 3.0
Carrier Modulator Transmitter (CMT)
used to change the state of the infrared out pin (IRO) directly. This
feature allows for the generation of future protocols not readily
producible by the current architecture.
9.3 Overview
The module consists of carrier generator, modulator, and transmitter
output blocks. The block diagram is shown in Figure 9-1.
The carrier generator has a resolution of 500 ns with a 2-MHz oscillator.
The user may independently define the high and low times of the carrier
signal to determine both period and duty cycle. The carrier generator can
generate signals with periods between 1
µs (1 MHz) and 64 µs (15.6
kHz) in steps of 500 ns. The possible duty cycle options will depend
upon the number of counts required to complete the carrier period. For
example, a 400-kHz signal has a period of 2.5
µs and will therefore
require 5 x 500 ns counts to generate. These counts may be split
between high and low times so the duty cycles available will be 20% (one
high, four low), 40% (two high, three low), 60% (three high, two low) and
80% (four high, one low). For lower frequency signals with larger
periods, higher resolution (as a percentage of the total period) duty
cycles are possible. The carrier generator may select between two sets
of high and low times. When operating in normal mode (subsequently
referred to as time mode), just one set will be used. When operating in
FSK (frequency shift key) mode, the generator will toggle between the
two sets when instructed to do so by the modulator, allowing the user to
dynamically switch between two carrier frequencies without CPU
intervention. When the BASE bit in the modulator control and status
register (MCSR) is set, the carrier output to the modulator is held high
continuously to allow for the generation of baseband protocols. See 9.4
Carrier Generator.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com