Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC708KL8GRS/D Datasheet(PDF) 39 Page - NXP Semiconductors

Part # HC708KL8GRS/D
Description  The MC68HC708KL8 is a member of the low-cost, high-performance M68HC08 Family of 8-bit microcontroller units (MCUs).
PDF  246 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC708KL8GRS/D Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button HC708KL8GRS/D Datasheet HTML 35Page - NXP Semiconductors HC708KL8GRS/D Datasheet HTML 36Page - NXP Semiconductors HC708KL8GRS/D Datasheet HTML 37Page - NXP Semiconductors HC708KL8GRS/D Datasheet HTML 38Page - NXP Semiconductors HC708KL8GRS/D Datasheet HTML 39Page - NXP Semiconductors HC708KL8GRS/D Datasheet HTML 40Page - NXP Semiconductors HC708KL8GRS/D Datasheet HTML 41Page - NXP Semiconductors HC708KL8GRS/D Datasheet HTML 42Page - NXP Semiconductors HC708KL8GRS/D Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 246 page
background image
Memory Map
MC68HC708KL8 — Rev. 2.1
General Release Specification
Freescale Semiconductor
Memory Map
39
$0038
USB Address Register
(UADDR)
Read:
USBEN UADD6 UADD5
UADD4
UADD3
UADD2 UADD1 UADD0
Write:
Reset:
0
0
0
0
0
0
0
0
$0039
USB Interrupt Register 0
(UIR0)
Read: TXD0F RXD0F
RSTF
SUSPND TXD0IE
RXD0IE
00
Write:
TXD0FR RXD0FR
Reset:
0
0
0
0
0
0
0
0
$003A
USB Interrupt Register 1
(UIR1)
Read: TXD1F
EOPF RESUMF
0
TXD1IE
EOPIE
00
Write:
RESUMFR
TXD1FR EOPFR
Reset:
0
0
0
0
0
0
—
—
$003B
USB Control Register 0
(UCR0)
Read:
T0SEQ STALL0
TX0E
RX0E
TP0SIZ3 TP0SIZ2 TP0SIZ1 TP0SIZ0
Write:
Reset:
0
0
0
0
0
0
0
0
$003C
USB Control Register 1
(UCR1)
Read:
T1SEQ ENDADD TX1E
FRESUM TP1SIZ3 TP1SIZ2 TP1SIZ1 TP1SIZ0
Write:
Reset:
0
0
0
0
0
0
0
0
$003D
USB Status Register
(USR)
Read: RSEQ
SETUP
RPSIZ3
RPSIZ2 RPSIZ1 RPSIZ0
Write:
Reset:
X
X
—
—
X
X
X
X
$003E
Unimplemented
Read:
Write:
$003F
Unimplemented
Read:
Write:
$FE00
Break Status Register
(BSR)
Read:
RR
R
R
R
R
SBSW
R
Write:
Note
NOTE: Writing a logic 0 clears SBSW.
Reset:
0
$FE01
Reset Status Register
(RSR)
Read: POR
PIN
COP
ILOP
ILAD
USB
0
0
Write:
POR:
1
0
0
0
0
0
0
0
$FE02
Reserved
Read:
RR
R
R
R
R
R
R
Write:
Addr.
Name
Bit 7
6
5
4
3
2
1
Bit 0
= Unimplemented
R
= Reserved
X= Indeterminate
Figure 2-2. Control, Status, and Data Registers (Sheet 6 of 8)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com