Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFAG1602A-RNG-JP Datasheet(PDF) 16 Page - Crystalfontz America, Inc.

Part # CFAG1602A-RNG-JP
Description  The LCD display Module is built in a LSI controller, the controller has two 8-bit registers, an instruction register (IR) and a data register (DR).
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYSTAIFONTZ [Crystalfontz America, Inc.]
Direct Link  https://www.crystalfontz.com/
Logo CRYSTAIFONTZ - Crystalfontz America, Inc.

CFAG1602A-RNG-JP Datasheet(HTML) 16 Page - Crystalfontz America, Inc.

Back Button CFAG1602A-RNG-JP Datasheet HTML 12Page - Crystalfontz America, Inc. CFAG1602A-RNG-JP Datasheet HTML 13Page - Crystalfontz America, Inc. CFAG1602A-RNG-JP Datasheet HTML 14Page - Crystalfontz America, Inc. CFAG1602A-RNG-JP Datasheet HTML 15Page - Crystalfontz America, Inc. CFAG1602A-RNG-JP Datasheet HTML 16Page - Crystalfontz America, Inc. CFAG1602A-RNG-JP Datasheet HTML 17Page - Crystalfontz America, Inc. CFAG1602A-RNG-JP Datasheet HTML 18Page - Crystalfontz America, Inc. CFAG1602A-RNG-JP Datasheet HTML 19Page - Crystalfontz America, Inc. CFAG1602A-RNG-JP Datasheet HTML 20Page - Crystalfontz America, Inc.  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
http://www.crystalfontz.com
email: sales@crystalfontz.com
Phone: (509) 291-3514
Fax:
(509) 291-3345
Crystalfontz America, Inc.
15611 East Washington Road
Valleyford, WA 99036
,QLWLDOL]LQJRI/&0
Power on
RS
R/W DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0
0000
11
**
**
W ait for more than 15 ms after V CC rises to 4.5 V
W ait for more than 4.1 ms
1
DB4
DB7
0
RS
0
R/W
DB6
00
DB5
1
DB1
DB2
DB3
**
**
DB0
W ait for more than 100
µs
DB4
1
DB7
R/W
RS
00
DB5
DB6
00
1
DB1
DB3 DB2
**
*
DB0
*
1
DB4
DB7
0
0
RS
R/W
1
00
DB6 DB5
DB1
F*
N
DB2
DB3
*
DB0
00000
0
1
000
00000
0000
1
00000
00
1
I/D
S
Initialization ends
BF can not be checked before this instruction.
Function set ( Interface is 8 bits long. )
Function set ( Interface is 8 bits long. )
BF can not be checked before this instruction.
BF can not be checked before this instruction.
Function set ( Interface is 8 bits long. )
BF can be checked after the following instructions.
W hen BF is not checked , the waiting time between
instructions is longer than execution instruction time.
Function set ( Interface is 8 bits long. Specify
the number of display lines and font. )
The number of display lines and character font
can not be changed after this point.
8-Bit Ineterface
Display off
Display clear
Entry mode set



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com