Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DC2EB3AAA Datasheet(PDF) 1 Page - Cherry Semiconductor Corporation

Part # DC2EB3AAA
Description  SUBMINIATURE — SEALED
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

DC2EB3AAA Datasheet(HTML) 1 Page - Cherry Semiconductor Corporation

  DC2EB3AAA Datasheet HTML 1Page - Cherry Semiconductor Corporation DC2EB3AAA Datasheet HTML 2Page - Cherry Semiconductor Corporation DC2EB3AAA Datasheet HTML 3Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
19
SUBMINIATURE—SEALED
DC Series
Specifications
Electrical
TemperatureRating:
-40°to+85°C/+120°C
(without wire leads)
-40°to+85C/+105°C
(with wire leads)
FlammabilityRating:
UL94V-O
(PET, PBT)
UL94HB
(POM)
Materials
Case:
PET/PBT
Actuator:
POM
(T85)
,PBT
(T120)
AuxiliaryActuator:
StainlessSteelorPlastic
Terminals:
Silver-PlatedCopper-Zinc
Contacts:
SilverAlloy
(DC3 — Gold Crosspoint)
PBT=Polybutyleneterephthalate • PET=Polyethyleneterephthalate • POM=Polyacetal
Stainless steel spring
Thermoplastic
actuating button
Thermoplastic
case and cover
Silicon gasket
Common terminal
NC terminal
NO terminal
Silver-nickel or
gold crosspoint contacts
Electrical Ratings
Electrical Life at Rated Load
Switch
According to EN
According to UL
Series
EN61058 Rating
UL1054 Rating
(Min.Operations)
(Min.Operations)
DC1
6A,250V~
5A,125/250VAC;1A,48VDC
10,000
6,000
DC2
10(1.5)A,250V~
10.1A,125/250VAC;1/4HP,125VAC
10,000
6,000
DC3
0.1A,250V~
0.1A,125/250VAC
50,000
6,000
DC4
3A,250V~
3A,125/250VAC
50,000
6,000
Features
EnclosedswitchcomplyingwithIP6K7
Silicon-freeversionavailable
Modelsavailableforoperating
temperaturesupto120°C
Ratedforcurrentsupto10amp
at250VAC
Rangeofauxiliaryactuatorsavailable
(canalsoberetrofitted)
Variouscontactmaterialsavailable,
dependingonapplication
Mechanicallife:min.1x106operations
Widevarietyofconnectionoptions


Similar Part No. - DC2EB3AAA

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
DC2 JAE-DC2 Datasheet
214Kb / 5P
HDMI Standard Type C HDMI Mini Connector
logo
Integrated Power Design...
DC2-110 IPDPOWER-DC2-110 Datasheet
399Kb / 2P
110 WATTS SINGLE/MULTI OUTPUT DC-DC
REV. W 10/06/2022
DC2-110-1001 IPDPOWER-DC2-110-1001 Datasheet
399Kb / 2P
110 WATTS SINGLE/MULTI OUTPUT DC-DC
REV. W 10/06/2022
DC2-110-1002 IPDPOWER-DC2-110-1002 Datasheet
399Kb / 2P
110 WATTS SINGLE/MULTI OUTPUT DC-DC
REV. W 10/06/2022
DC2-110-1003 IPDPOWER-DC2-110-1003 Datasheet
399Kb / 2P
110 WATTS SINGLE/MULTI OUTPUT DC-DC
REV. W 10/06/2022
More results

Similar Description - DC2EB3AAA

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
AB11AP-FA NKK-AB11AP-FA Datasheet
241Kb / 6P
Process Sealed Subminiature Pushbuttons
A12KP NKK-A12KP Datasheet
266Kb / 7P
Process Sealed Subminiature Rockers
logo
Omron Electronics LLC
D2SW-P OMRON-D2SW-P Datasheet
408Kb / 8P
Sealed Subminiature Basic Switch
logo
C&K Components
ET01J1ABE2 CK-COMPONENTS-ET01J1ABE2 Datasheet
453Kb / 6P
Sealed Subminiature Rocker Switches
ET01MD1SAPE CK-COMPONENTS-ET01MD1SAPE Datasheet
483Kb / 7P
Sealed Subminiature Toggle Switches
logo
List of Unclassifed Man...
A18EP ETC2-A18EP Datasheet
980Kb / 8P
Process Sealed Subminiature Toggles
logo
Grayhill, Inc
38GWSP8M7RT GRAYHILL-38GWSP8M7RT Datasheet
379Kb / 4P
Sealed Subminiature Pushbutton Switches
logo
List of Unclassifed Man...
A18AV ETC2-A18AV Datasheet
980Kb / 8P
Process Sealed Subminiature Toggles
logo
Cherry Semiconductor Co...
DC1C-A1AA CHERRY-DC1C-A1AA Datasheet
336Kb / 2P
Sealed Subminiature Snap Switch
logo
C&K Components
ET CK-COMPONENTS-ET Datasheet
882Kb / 7P
Sealed Subminiature Toggle Switches
26 Mar 21
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com