Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DC2AC3AAA Datasheet(PDF) 3 Page - Cherry Semiconductor Corporation

Part # DC2AC3AAA
Description  SUBMINIATURE — SEALED
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

DC2AC3AAA Datasheet(HTML) 3 Page - Cherry Semiconductor Corporation

  DC2AC3AAA Datasheet HTML 1Page - Cherry Semiconductor Corporation DC2AC3AAA Datasheet HTML 2Page - Cherry Semiconductor Corporation DC2AC3AAA Datasheet HTML 3Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
21
Specificationssubjecttochangewithoutnotice.
NO Lead (Blue)
NC Lead (Grey)
min. 19.69 (500)
max. 0.78 (20)
min. 19.69 (500)
Rest Position
Operating Point
0.30
(7.5)
0.19
(4.85)
ø0.09
(ø2.2)
0.10
(2.54)
0.38
(9.53)
0.20
(5.16)
Type A
Type B
Cut-out
Special Model Available
with Tail Pedestal on Request
Model with Connecting Leads
0.26
(6.5)
ø0.09
(ø2.2)
0.38
(9.53)
0.20
(5.16)
0.30
(7.5)
0.30
(7.5)
0.11
(2.73)
0.10
(2.54)
0.30
(7.5)
max. 0.79 (20)
0.19
(4.85)
Rest Position
Operating Point
COM Lead
(Black)
DC
3
G B
3
L
C
Series/Prefix
Code UL Rating
EN 61058 Rating
1 5A,125/250VAC
6A,250V~
1A48VDC
2 10.1A,125/250VAC
1/4HP,125VAC
10(1.5)A,250V~
3 0.1A,125/250VAC
0.1A,250V~
0.1A30VDC**
44 3A,250VAC
3A,250V~
1A48VDC
Contact Configuration
+105°/120°C Operating Temp
+85°C Operating Temp
*
Code
Code
A SPSTNO
E SPSTNO
B SPSTNC
F SPSTNC
C SPDT
G SPDT
Code Terminal Type
inches(mm) Notes
A ShortSolder
1
B 0.022(0.52)Leads
(No UL)
5,9
C 0.032(0.752)Leads
(No UL)
5
H 0.05x0.02(1.3x0.5)PCB 1
K 0.02x0.02(0.6x0.5)PCB 1,7
L 0.11x0.02(2.8x0.5)QC
1
N WithoutLeads
(Type B)
6
P WithoutLeads
(Type A)
6
Q WithoutLeads
(No Cut-Out)
8
S Welding
1
T Leads,20AWG
3,11
U Leads,22AWG
9,11
Non-European Versions
D Leads18AWG
(UL Only)
5,8,10
E Leads16AWG
(UL Only)
5
M Leads20AWG
(UL Only)
3,5
Code Terminal Configuration
1 30°Twisted
3 LeadsonActuatorSide
4 LeadsonOppositeSidefromActuator
5 LeadsAttachedtoUnderside
6 PCBTerminalsRight-handSide
7 PCBTerminalsLeft-handSide
8 PCBTerminalsRight-handSidewithLocationPins
9 PCBTerminalsLeft-handSidewithLocationPins
Code
Actuation Length
inches(mm)
Code Actuator Type
A
B
C
D
AA Buttononly
— —
—
—
L Lever
— 0.189(4.8) 0.276(7.0) 1.654(42.0)
R Roller
— 0.098(2.5) 0.185(4.7) 1.563(39.7)
S SimulatedRoller — 0.098(2.5) 0.185(4.7) 1.563(39.7)
V2 PlasticSim.Roller — 0.220(5.6) —
—
W2 PlasticStraight — 0.276(7.0) 0.551(14.0) —
Z2 PlasticwithRoller — 0.205(5.2) —
—
Ordering Information
Dimensions
inches(mm)
ø0.07
(ø1.8)
ø0.05
(ø1.3)
0.27
(6.75)
0.14
(3.5)
0.12
(3.0)
0.12
(3.0)
0.14
(3.5)
0.14
(3.5)
0.27
(6.75)
0.27
(6.75)
0.27
(6.75)
0.14
(3.5)
QC
0.11 x 0.02 (2.8 x 0.5)
Max. 30° Twisted
Solder
Short Max. 30° Twisted
PCB
0.05 x 0.02 (1.3 x 0.5)
Max. 30° Twisted
PCB
0.02 x 0.02 (0.6 x 0.5)
Max. 30° Twisted
PCB
0.02 x 0.02 (0.6 x 0.5)
RH Side w/o Location Pins
PCB
0.02 x 0.02 (0.6 x 0.5)
RH Side with Location Pins
PCB
0.02 x 0.02 (.06 x 0.5)
LH Side w/o Location Pins
PCB
0.02 x 0.02 (0.6 x 0.5)
LH Side with Location Pins
Top Down View of
Lateral Terminals
Drilling Pattern
for PCB Terminals
0.05 x 0.02 (1.3 x 0.5)
Drilling Pattern
for PCB Terminals
with Location Pins
0.05 x 0.02 (0.6 x 0.5)
Drilling Pattern
for Lateral/Underside PCB
Terminals w/o Location Pins
0.05 x 0.02 (0.6 x 0.5)
Max. 30° Twisted
ø0.06 (1.6)
0.30
(7.5)
0.30
(7.5)
ø0.05 (1.3)
ø0.05
(ø1.3)
ø0.08
(ø2.15)
0.38
(9.53)
0.11
(2.73)
0.30
(7.5)
0.30
(7.5)
Left
Right
0.30
(7.5)
0.30
(7.5)
Terminal Options
inches(mm)
Notes:
Wire leads 500mm min. (approximately 20
″ long)
1. Onlyavailablewithterminalconfiguration1.
2. +85°Cratedonly.
3. OnlyavailablewithDC1,DC3andDC4.
4. Ratingcode4onlyaslead-version—leads0.5mm2.
5. Wireversionsonlyratedto+105°C.
6. Onlyavailablewithterminalconfiguration3or4.
7. Onlyavailablewithterminalconfiguration1,6,7,8or9.
8. Onlyavailablewithterminalconfiguration5.
9. OnlyavailablewithDC3andDC4.
10. NotavailablewithDC2.
11. NotavailableinNorthAmerica.
*85°Cversionsuseplasticlevers
**30VDCULratingappliesonlyto120Cversion



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com