Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F100LEDXXXSM Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # R5F100LEDXXXSM
Description  True low-power platform (66 μA/MHz, and 0.57 μA for operation with only RTC and LVD) for the general-purpose applications, with 1.6-V to 5.5-V operation, 16- to 512-Kbyte code flash memory, and 41 DMIPS at 32 MHz
PDF  207 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F100LEDXXXSM Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button R5F100LEDXXXSM Datasheet HTML 7Page - Renesas Technology Corp R5F100LEDXXXSM Datasheet HTML 8Page - Renesas Technology Corp R5F100LEDXXXSM Datasheet HTML 9Page - Renesas Technology Corp R5F100LEDXXXSM Datasheet HTML 10Page - Renesas Technology Corp R5F100LEDXXXSM Datasheet HTML 11Page - Renesas Technology Corp R5F100LEDXXXSM Datasheet HTML 12Page - Renesas Technology Corp R5F100LEDXXXSM Datasheet HTML 13Page - Renesas Technology Corp R5F100LEDXXXSM Datasheet HTML 14Page - Renesas Technology Corp R5F100LEDXXXSM Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 207 page
background image
RL78/G13
1. OUTLINE
R01DS0131EJ0350 Rev.3.50
11 of 200
Jun 30, 2020
Table 1-1. List of Ordering Part Numbers
(8/8)
Pin
count
Package
Data
flash
Fields of
Application
Note
Ordering Part Number
RENESAS Code
Product Name
Packaging
Specifications
100
pins
100-pin
plastic
LFQFP
(14
× 14 mm,
0.5-mm
pitch)
Mounted A
R5F100PFAFB, R5F100PGAFB, R5F100PHAFB,
R5F100PJAFB, R5F100PKAFB, R5F100PLAFB
#V0, #X0
PLQP0100KE-A
#10, #30, #50
PLQP0100KB-B
D
R5F100PFDFB, R5F100PGDFB, R5F100PHDFB,
R5F100PJDFB, R5F100PKDFB, R5F100PLDFB
#V0, #X0
PLQP0100KE-A
#10, #30, #50
PLQP0100KB-B
G
R5F100PFGFB, R5F100PGGFB, R5F100PHGFB,
R5F100PJGFB
#V0, #X0
PLQP0100KE-A
#10, #30, #50
PLQP0100KB-B
Not
mounted
A
R5F101PFAFB, R5F101PGAFB, R5F101PHAFB,
R5F101PJAFB, R5F101PKAFB, R5F101PLAFB
#V0, #X0
PLQP0100KE-A
#10, #30, #50
PLQP0100KB-B
D
R5F101PFDFB, R5F101PGDFB, R5F101PHDFB,
R5F101PJDFB, R5F101PKDFB, R5F101PLDFB
#V0, #X0
PLQP0100KE-A
#10, #30, #50
PLQP0100KB-B
100-pin
plastic
LQFP
(14
× 20 mm,
0.65-mm
pitch)
Mounted A
R5F100PFAFA, R5F100PGAFA, R5F100PHAFA,
R5F100PJAFA, R5F100PKAFA, R5F100PLAFA
#V0, #10, #30,
#X0, #50
PLQP0100JC-A
D
R5F100PFDFA, R5F100PGDFA, R5F100PHDFA,
R5F100PJDFA, R5F100PKDFA, R5F100PLDFA
G
R5F100PFGFA, R5F100PGGFA, R5F100PHGFA,
R5F100PJGFA
Not
mounted
A
R5F101PFAFA, R5F101PGAFA, R5F101PHAFA,
R5F101PJAFA, R5F101PKAFA, R5F101PLAFA
#V0, #10, #30,
#X0, #50
PLQP0100JC-A
D
R5F101PFDFA, R5F101PGDFA, R5F101PHDFA,
R5F101PJDFA, R5F101PKDFA, R5F101PLDFA
128
pins
128-pin
plastic
LFQFP
(14
× 20 mm,
0.5-mm
pitch)
Mounted A
R5F100SHAFB, R5F100SJAFB, R5F100SKAFB,
R5F100SLAFB
#V0, #10, #30,
#X0, #50
PLQP0128KD-A
D
R5F100SHDFB, R5F100SJDFB, R5F100SKDFB,
R5F100SLDFB
Not
mounted
A
R5F101SHAFB, R5F101SJAFB, R5F101SKAFB,
R5F101SLAFB
#V0, #10, #30,
#X0, #50
PLQP0128KD-A
D
R5F101SHDFB, R5F101SJDFB, R5F101SKDFB,
R5F101SLDFB
Note
For the fields of application, refer to Figure 1-1 Part Number, Memory Size, and Package of RL78/G13.
Caution The ordering part numbers represent the numbers at the time of publication. For the latest ordering part
numbers, refer to the target product page of the Renesas Electronics website.
<R>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com