Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMP50-180 Datasheet(PDF) 3 Page - STMicroelectronics

Part # SMP50-180
Description  TRISIL FOR TELECOM EQUIPMENT PROTECTION
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMP50-180 Datasheet(HTML) 3 Page - STMicroelectronics

  SMP50-180 Datasheet HTML 1Page - STMicroelectronics SMP50-180 Datasheet HTML 2Page - STMicroelectronics SMP50-180 Datasheet HTML 3Page - STMicroelectronics SMP50-180 Datasheet HTML 4Page - STMicroelectronics SMP50-180 Datasheet HTML 5Page - STMicroelectronics SMP50-180 Datasheet HTML 6Page - STMicroelectronics SMP50-180 Datasheet HTML 7Page - STMicroelectronics SMP50-180 Datasheet HTML 8Page - STMicroelectronics SMP50-180 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
SMP50 / SMTPA / TPA
3/10
Table 4: Thermal Resistances
Table 5: Electrical Characteristics (Tamb = 25°C)
Symbol
Parameter
Value
Unit
DO-15
SMA
SMB
Rth(j-a)
Junction to ambient (with recommended footprint or
with Llead = 10mm for DO-15)
100
120
100
°C/W
Rth(j-l)
Junction to leads (Llead = 10mm for DO-15)
60
30
20
°C/W
Symbol
Parameter
VRM
Stand-off voltage
VBR
Breakdown voltage
VBO
Breakover voltage
IRM
Leakage current
IPP
Peak pulse current
IBO
Breakover current
IH
Holding current
VR
Continuous reverse voltage
IR
Leakage current at VR
C
Capacitance
Types
IRM @ VRM
IR @ VR
Dynamic
VBO
Static
VBO @ IBO
IH
CC
max.
max.
max.
max.
max.
min.
typ.
typ.
note1
note 2
note 3
note 4
note 5
note 6
µA
V
µA
V
V
V
mA
mA
pF
pF
SMP50-62 / TPA62
SMTPA62
2
56
5
62
85
82
800
150
20
40
SMP50-68 / TPA68
SMTPA68
61
68
93
90
20
40
SMP50-100 / TPA100
SMTPA100
90
100
135
133
16
35
SMP50-120 / TPA120
SMTPA120
108
120
160
160
16
30
SMP50-130 / TPA130
SMTPA130
117
130
173
173
14
30
SMP50-180 / TPA180
SMTPA180
162
180
235
240
14
25
SMP50-200 / TPA200
SMTPA200
180
200
262
267
12
25
SMP50-220 / TPA220
SMTPA220
198
220
285
293
12
25
SMP50-240 / TPA240
SMTPA240
216
240
300
320
12
25
SMP50-270 / TPA270
SMTPA270
243
270
350
360
12
25
Note 1: IR measured at VR guarantee VBR min
≥ VR
Note 2: see functional test circuit 1
Note 3: see test circuit 2
Note 4: see functional holding current test circuit 3
Note 5: VR = 50V bias, VRMS=1V, F=1MHz
Note 6: VR = 2V bias, VRMS=1V, F=1MHz



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com