Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMP50-240 Datasheet(PDF) 1 Page - STMicroelectronics

Part # SMP50-240
Description  TRISIL FOR TELECOM EQUIPMENT PROTECTION
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMP50-240 Datasheet(HTML) 1 Page - STMicroelectronics

  SMP50-240 Datasheet HTML 1Page - STMicroelectronics SMP50-240 Datasheet HTML 2Page - STMicroelectronics SMP50-240 Datasheet HTML 3Page - STMicroelectronics SMP50-240 Datasheet HTML 4Page - STMicroelectronics SMP50-240 Datasheet HTML 5Page - STMicroelectronics SMP50-240 Datasheet HTML 6Page - STMicroelectronics SMP50-240 Datasheet HTML 7Page - STMicroelectronics SMP50-240 Datasheet HTML 8Page - STMicroelectronics SMP50-240 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
®
1/10
SMP50 / SMTPA / TPA
TRISIL™ FOR TELECOM EQUIPMENT PROTECTION
REV. 1
SMA
(JEDEC DO-214AC)
SMP50
SMB
(JEDEC DO-214AA)
SMTPA
DO-15
TPA
November 2004
FEATURES
■ Bidirectional crowbar protection
■ Voltage range from 62V to 270V
■ Low capacitance from 12pF to 20pF @ 50V
■ Low leakage current : IR = 2µA max
■ Holding current: IH = 150 mA min
■ Repetitive peak pulse current :
IPP = 50 A (10/1000µs)
MAIN APPLICATIONS
Telecommunication equipment such as:
■ Analog and digital line cards (xDSL, T1/E1,
ISDN, ...)
■ Terminals (phone, fax, modem, ...) and central
office equipment
DESCRIPTION
These Trisil series have been designed to protect
telecommunication equipment against lightning
and transient induced by AC power lines.
They are available in SMA, SMB and DO-15
packages.
BENEFITS
Trisils are not subject to ageing and provide a fail
safe mode in short circuit for a better protection.
They are used to help equipment to meet various
standards such as UL1950, IEC950 / CSA C22.2,
UL1459 and FCC part 68.
Trisils have UL94 V0 approved resin.
SMA and SMB packages are JEDEC registered
(DO-214AC and DO-214AA).
Trisils are UL497B approved (file: E136224).
Table 1: Order Codes
Part Number
Marking
SMP50-xxx
See page 9
TPAxxx
SMTPAxxx
Figure 1: Schematic Diagram


Similar Part No. - SMP50-240

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SMP50-240 STMICROELECTRONICS-SMP50-240 Datasheet
81Kb / 8P
TELECOM EQUIPMENT PROTECTION: TRISIL?
SMP50-240 STMICROELECTRONICS-SMP50-240 Datasheet
129Kb / 11P
Trisil for telecom equipment protection
12-Jun-2007
More results

Similar Description - SMP50-240

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SMP50-XXX STMICROELECTRONICS-SMP50-XXX Datasheet
81Kb / 8P
TELECOM EQUIPMENT PROTECTION: TRISIL?
SMP100MC STMICROELECTRONICS-SMP100MC Datasheet
108Kb / 10P
TRISIL™ FOR TELECOM EQUIPMENT PROTECTION
December 2004 REV. 1
SMP80MC STMICROELECTRONICS-SMP80MC Datasheet
85Kb / 9P
TRISIL FOR TELECOM EQUIPMENT PROTECTION
20-Jun-2005
SMP30 STMICROELECTRONICS-SMP30_04 Datasheet
87Kb / 9P
TRISIL FOR TELECOM EQUIPMENT PROTECTION
13-Dec-2004
SMP50 STMICROELECTRONICS-SMP50_07 Datasheet
129Kb / 11P
Trisil for telecom equipment protection
12-Jun-2007
SMP80MC STMICROELECTRONICS-SMP80MC_07 Datasheet
118Kb / 10P
TRISIL for telecom equipment protection
18-Jan-2007
SMP100LC STMICROELECTRONICS-SMP100LC_07 Datasheet
148Kb / 12P
Trisil for telecom equipment protection
05-Mar-2007
SMP100MC STMICROELECTRONICS-SMP100MC_05 Datasheet
166Kb / 13P
Trisil??for telecom equipment protection
09-Feb-2012
SMP100LC-65 STMICROELECTRONICS-SMP100LC-65 Datasheet
65Kb / 8P
TELECOM EQUIPMENT PROTECTION: TRISIL?
Jul-2002
SMP75 STMICROELECTRONICS-SMP75 Datasheet
89Kb / 9P
Trisil??for telecom equipment protection
19-Oct-2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com