Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HAL300 Datasheet(PDF) 17 Page - Micronas

Part # HAL300
Description  Differential Hall Effect Sensor IC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL300 Datasheet(HTML) 17 Page - Micronas

Back Button HAL300 Datasheet HTML 9Page - Micronas HAL300 Datasheet HTML 10Page - Micronas HAL300 Datasheet HTML 11Page - Micronas HAL300 Datasheet HTML 12Page - Micronas HAL300 Datasheet HTML 13Page - Micronas HAL300 Datasheet HTML 14Page - Micronas HAL300 Datasheet HTML 15Page - Micronas HAL300 Datasheet HTML 16Page - Micronas HAL300 Datasheet HTML 17Page - Micronas  
Zoom Inzoom in Zoom Outzoom out
 17 / 17 page
background image
Micronas
page 1 of 1
Subject:
Data Sheet Concerned:
Supplement:
Edition:
Data Sheet Supplement
Changes:
– position tolerance of the sensitive area reduced
– tolerances of the outline dimensions reduced
– thickness of the leadframe changed to 0.15 mm (old 0.125 mm)
– HAL 300 now available in SOT-89B
– SOT-89A will be discontinued in December 2000
Position of sensitive area
Note: A mechanical tolerance of
±0.05 mm applies to all dimensions where no tolerance is explicitly given.
Position tolerances of the sensitive areas are defined in the package diagram.
HAL 300
HAL 320
x1+x2
(2.05
±0.001) mm
(2.25
±0.001) mm
x1= x2
1.025 mm nominal
1.125 mm nominal
y
0.95 mm nominal
0.95 mm nominal
sensitive area S1
4.55
min.
0.25
x1
x2
2.55
0.4
0.4
1.7
0.4
1.5
3.0
0.06 ±0.04
4 ±0.2
0.15
branded side
SPGS0022-5-B3/1E
top view
y
12
3
2
0.3
1.15
∅ 0.2
sensitive area S2
∅ 0.2
Improvement of SOT-89B Package
HAL 300, 6251-345-1DS, Edition July 15, 1998
HAL 320, 6251-439-1DS, Edition July 15, 1998
No. 1/ 6251-532-1DSS
July 4, 2000
HAL 300, HAL 320



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com