Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS29-12IO1C Datasheet(PDF) 2 Page - IXYS Corporation

Part # CS29-12IO1C
Description  Phase Control Thyristor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CS29-12IO1C Datasheet(HTML) 2 Page - IXYS Corporation

  CS29-12IO1C Datasheet HTML 1Page - IXYS Corporation CS29-12IO1C Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CS 29
98....
Symbol
Test Conditions
Characteristic Values
I
R, ID
T
VJ = TVJM; VR = VRRM; VD = VDRM
≤
2mA
V
T
I
T
= 45 A; T
VJ = 25°C
≤
1.5
V
V
T0
For power-loss calculations only (T
VJ = 125°C)
0.82
V
r
T
16.5
m
Ω
V
GT
V
D = 6 V;
T
VJ = 25°C
≤
1.0
V
T
VJ = -40°C
≤
1.2
V
I
GT
V
D = 6 V;
T
VJ = 25°C
≤
65
mA
T
VJ = -40°C
≤
80
mA
V
GD
T
VJ = TVJM;VD = 2/3 VDRM
≤
0.2
V
I
GD
≤
5mA
I
L
T
VJ = 25°C; tP = 10 µs
≤
150
mA
I
G = 0.2; diG/dt = 0.2 A/µs
I
H
T
VJ = 25°C; VD = 6 V; RGK = ∞
≤
50
mA
t
gd
T
VJ = 25°C; VD = 1/2 VDRM
≤
2
µs
I
G = 0.2 A; diG/dt =0.2 A/µs
R
thJC
DC current
1.2
K/W
R
thCK
DC current
typical
0.6
K/W
a
Max. acceleration, 50 Hz
50
m/s2
ISOPLUS220 OUTLINE
Note: All terminals are solder plated.
1 - Cathode
2 - Anode
3 - Gate



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com