Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2292 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC2292
Description  Dual 12-Bit, 65/40/25Msps Low Power 3V ADCs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2292 Datasheet(HTML) 2 Page - Linear Technology

  LTC2292 Datasheet HTML 1Page - Linear Technology LTC2292 Datasheet HTML 2Page - Linear Technology LTC2292 Datasheet HTML 3Page - Linear Technology LTC2292 Datasheet HTML 4Page - Linear Technology LTC2292 Datasheet HTML 5Page - Linear Technology LTC2292 Datasheet HTML 6Page - Linear Technology LTC2292 Datasheet HTML 7Page - Linear Technology LTC2292 Datasheet HTML 8Page - Linear Technology LTC2292 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
LTC2293/LTC2292/LTC2291
2
229321f
TOP VIEW
UP PACKAGE
64-LEAD (9mm
× 9mm) PLASTIC QFN
TJMAX = 125°C, θJA = 20°C/W
EXPOSED PAD (PIN 65) IS GND AND MUST BE SOLDERED TO PCB
AINA
+ 1
AINA
– 2
REFHA 3
REFHA 4
REFLA 5
REFLA 6
VDD 7
CLKA 8
CLKB 9
VDD 10
REFLB 11
REFLB 12
REFHB 13
REFHB 14
AINB
– 15
AINB
+ 16
48 DA5
47 DA4
46 DA3
45 DA2
44 DA1
43 DA0
42 NC
41 NC
40 OFB
39 DB11
38 DB10
37 DB9
36 DB8
35 DB7
34 DB6
33 DB5
65
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
OVDD = VDD (Notes 1, 2)
Supply Voltage (VDD) ................................................. 4V
Digital Output Ground Voltage (OGND) ....... –0.3V to 1V
Analog Input Voltage (Note 3) ..... –0.3V to (VDD + 0.3V)
Digital Input Voltage .................... –0.3V to (VDD + 0.3V)
Digital Output Voltage ................ –0.3V to (OVDD + 0.3V)
Power Dissipation ............................................ 1500mW
Operating Temperature Range
LTC2293C, LTC2292C, LTC2291C ........... 0°C to 70°C
LTC2293I, LTC2292I, LTC2291I ..........–40°C to 85°C
Storage Temperature Range ..................–65°C to 125°C
Lead Temperature (Soldering, 10 sec).................. 300°C
ORDER PART
NUMBER
QFN PART*
MARKING
LTC2293UP
LTC2292UP
LTC2291UP
LTC2293CUP
LTC2293IUP
LTC2292CUP
LTC2292IUP
LTC2291CUP
LTC2291IUP
Consult LTC Marketing for parts specified with wider operating temperature ranges.
*The temperature grade is identified by a label on the shipping container.
The
● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 4)
LTC2293
LTC2292
LTC2291
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
Resolution
●
12
12
12
Bits
(No Missing Codes)
Integral Linearity Error Differential Analog Input (Note 5)
●
–1.4
±0.3
1.4
–1.4
±0.3
1.4
–1.3
±0.3
1.3
LSB
Differential
Differential Analog Input
●
–0.8
±0.15
0.8
–0.7
±0.15
0.7
–0.7
±0.15
0.7
LSB
Linearity Error
Offset Error
(Note 6)
●
–12
±212
–12
±212
–12
±212
mV
Gain Error
External Reference
●
–2.5
±0.5
2.5
–2.5
±0.5
2.5
–2.5
±0.5
2.5
%FS
Offset Drift
±10
±10
±10
µV/°C
Full-Scale Drift
Internal Reference
±30
±30
±30
ppm/°C
External Reference
±15
±15
±15
ppm/°C
Gain Matching
External Reference
±0.3
±0.3
±0.3
%FS
Offset Matching
±2
±2
±2mV
Transition Noise
SENSE = 1V
0.25
0.25
0.25
LSBRMS
CO VERTER CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com