Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF19XES3 Datasheet(PDF) 22 Page - Analog Devices

Part # REF19XES3
Description  Precision Micropower, Low Dropout Voltage References
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

REF19XES3 Datasheet(HTML) 22 Page - Analog Devices

Back Button REF19XES3 Datasheet HTML 16Page - Analog Devices REF19XES3 Datasheet HTML 17Page - Analog Devices REF19XES3 Datasheet HTML 18Page - Analog Devices REF19XES3 Datasheet HTML 19Page - Analog Devices REF19XES3 Datasheet HTML 20Page - Analog Devices REF19XES3 Datasheet HTML 21Page - Analog Devices REF19XES3 Datasheet HTML 22Page - Analog Devices REF19XES3 Datasheet HTML 23Page - Analog Devices REF19XES3 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
REV. E
–22–
REF19x Series
For VS levels lower than the LOWER threshold, U3’s output is
low, thus U2 and Q1 are OFF, while U1 is ON. For VS levels
higher than the UPPER threshold, the situation reverses, with
U1 OFF and both U2 and Q1 ON. In the interest of battery
power conservation, all of the comparison switching circuitry
is powered from VS and is arranged so that when VS fails, the
default output comes from U1.
For the R1–R3 values as shown, the LOWER/UPPER VS switching
thresholds are approximately 5.5 V and 6 V, respectively. These
can obviously be changed to suit other VS supplies, as can the
REF19x devices used for U1 and U2, over a range of 2.5 V to
5V of output. U3 can operate down to a VS of 3.3 V, which is
generally compatible with all family devices.
A Low Power, Strain Gage Circuit
As shown in Figure 12, the REF19x family of references can be
used in conjunction with low supply voltage operational amplifi-
ers, such as the OP492 and the OP283, in a self-contained strain
gage circuit. In this circuit, the REF195 was used as the core of
this low power, strain gage circuit. Other references can be easily
accommodated by changing circuit element values. The references
play a dual role as the voltage regulator to provide the supply
voltage requirements of the strain gage and the operational
amplifiers as well as a precision voltage reference for the current
source used to stimulate the bridge. A distinct feature of the
circuit is that it can be remotely controlled ON or OFF by digital
means via the
SLEEP pin.
500
0.1%
57k
1%
0.1 F
10k
1%
0.1 F
1/4
OP492
10 F
1 F
REF195
1/4
OP492
1/4
OP492
1/4
OP492
2.21k
20k
1%
10k
1%
20k
1%
20k
1%
0.01 F
10 F
100
OUTPUT
2N2222
20k
1%
10k
1%
Figure 12. A Low Power, Strain Gage Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com