Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL712CD Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TL712CD
Description  DIFFERENTIAL COMPARATOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL712CD Datasheet(HTML) 4 Page - Texas Instruments

  TL712CD Datasheet HTML 1Page - Texas Instruments TL712CD Datasheet HTML 2Page - Texas Instruments TL712CD Datasheet HTML 3Page - Texas Instruments TL712CD Datasheet HTML 4Page - Texas Instruments TL712CD Datasheet HTML 5Page - Texas Instruments TL712CD Datasheet HTML 6Page - Texas Instruments TL712CD Datasheet HTML 7Page - Texas Instruments TL712CD Datasheet HTML 8Page - Texas Instruments TL712CD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
TL712
DIFFERENTIAL COMPARATOR
SLCS002D − JUNE 1983 − REVISED AUGUST 2003
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
5 V
Output
2 k
Ω
NOTE A: All diodes are 1N4148 or equivalent.
Figure 1. TTL Output Load Circuit
TYPICAL CHARACTERISTICS
5
4
3
2
1
0
010
20
30
40
t − Time − ns
OUTPUT RESPONSE FOR VARIOUS
INPUT OVERDRIVE VOLTAGES
VCC = 5 V
TTL Load
TA = 25°C
100 mV
50 mV
20 mV
5 mV
100 mV + Overdrive
5
152535
Figure 2
5
4
3
2
1
0
010
20
30
40
t − Time − ns
OUTPUT RESPONSE FOR VARIOUS
INPUT OVERDRIVE VOLTAGES
VCC = 5 V
TTL Load
TA = 25°C
100 mV
50 mV
20 mV
5 mV
100 mV + Overdrive
515
25
35
Figure 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com