Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL712CDR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TL712CDR
Description  DIFFERENTIAL COMPARATOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL712CDR Datasheet(HTML) 1 Page - Texas Instruments

  TL712CDR Datasheet HTML 1Page - Texas Instruments TL712CDR Datasheet HTML 2Page - Texas Instruments TL712CDR Datasheet HTML 3Page - Texas Instruments TL712CDR Datasheet HTML 4Page - Texas Instruments TL712CDR Datasheet HTML 5Page - Texas Instruments TL712CDR Datasheet HTML 6Page - Texas Instruments TL712CDR Datasheet HTML 7Page - Texas Instruments TL712CDR Datasheet HTML 8Page - Texas Instruments TL712CDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
TL712
DIFFERENTIAL COMPARATOR
SLCS002D − JUNE 1983 − REVISED AUGUST 2003
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Operates From a Single 5-V Supply
D 0-V to 5.5-V Common-Mode Input Voltage
Range
D Self-Biased Inputs
D Complementary 3-State Outputs
D Enable Capability
D Hysteresis ...5 mV Typ
D Response Times . . . 25 ns Typ
description/ordering information
The TL712 is a high-speed comparator fabricated with bipolar Schottky process technology. The circuit has
differential analog inputs and complementary 3-state TTL-compatible logic outputs with symmetrical switching
characteristics. When the output enable (OE) is low, both outputs are in the high-impedance state. This device
operates from a single 5-V supply and is useful as a disk memory read-chain data comparator.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
PDIP (P)
Tube of 50
TL712CP
TL712CP
SOIC (D)
Tube of 75
TL712CD
TL712C
0
°C to 70°C
SOIC (D)
Reel of 2500
TL712CDR
TL712C
0
°C to 70°C
SOP (PS)
Reel of 2000
TL712CPSR
T712
TSSOP (PW)
Tube of 150
TL712CPW
T712
TSSOP (PW)
Reel of 2000
TL712CPWR
T712
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are
available at www.ti.com/sc/package.
symbol (positive logic)
OE
IN−
IN+
4
2
3
7
6
OUT−
OUT+
Copyright
 2003, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
1
2
3
4
8
7
6
5
NC
IN−
IN+
OE
VCC
OUT−
OUT+
GND
D, P, PS, OR PW PACKAGE
(TOP VIEW)
NC − No internal connection
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - TL712CDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL712CDR TI-TL712CDR Datasheet
259Kb / 12P
DIFFERENTIAL COMPARATOR
TL712CDR TI-TL712CDR Datasheet
927Kb / 16P
DIFFERENTIAL COMPARATOR
TL712CDR TI1-TL712CDR Datasheet
946Kb / 17P
Operates From a Single 5-V Supply
TL712CDR TI2-TL712CDR Datasheet
879Kb / 20P
DIFFERENTIAL COMPARATOR
REVISED AUGUST 2003
TL712CDR.A TI2-TL712CDR.A Datasheet
879Kb / 20P
DIFFERENTIAL COMPARATOR
REVISED AUGUST 2003
More results

Similar Description - TL712CDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL712CP TI-TL712CP Datasheet
82Kb / 5P
DIFFERENTIAL COMPARATOR
logo
Wuxi Youda electronics ...
YD393 YOUDA-YD393 Datasheet
100Kb / 3P
QUAD DIFFERENTIAL COMPARATOR
logo
Texas Instruments
TL712 TI-TL712_06 Datasheet
259Kb / 12P
DIFFERENTIAL COMPARATOR
logo
GTM CORPORATION
GSCLM393 GTM-GSCLM393 Datasheet
229Kb / 4P
DUAL DIFFERENTIAL COMPARATOR
logo
SeCoS Halbleitertechnol...
SHLM339 SECOS-SHLM339 Datasheet
526Kb / 4P
Differential Comparator
SPWLM393D SECOS-SPWLM393D Datasheet
761Kb / 4P
Dual Differential Comparator
SPWLM393S SECOS-SPWLM393S Datasheet
763Kb / 4P
Dual Differential Comparator
logo
Texas Instruments
TL712D TI-TL712D Datasheet
927Kb / 16P
DIFFERENTIAL COMPARATOR
logo
Cystech Electonics Corp...
LM391CN5 CYSTEKEC-LM391CN5 Datasheet
384Kb / 8P
Differential Comparator
logo
List of Unclassifed Man...
UA710 ETC-UA710 Datasheet
103Kb / 2P
Differential Comparator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com