Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC00A Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74LVC00A
Description  Quad 2-input NAND gate
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC00A Datasheet(HTML) 3 Page - NXP Semiconductors

  74LVC00A Datasheet HTML 1Page - NXP Semiconductors 74LVC00A Datasheet HTML 2Page - NXP Semiconductors 74LVC00A Datasheet HTML 3Page - NXP Semiconductors 74LVC00A Datasheet HTML 4Page - NXP Semiconductors 74LVC00A Datasheet HTML 5Page - NXP Semiconductors 74LVC00A Datasheet HTML 6Page - NXP Semiconductors 74LVC00A Datasheet HTML 7Page - NXP Semiconductors 74LVC00A Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Philips Semiconductors
Product specification
74LVC00A
Quad 2-input NAND gate
1998 Apr 28
3
LOGIC DIAGRAM (ONE GATE)
Y
A
B
SV00379
FUNCTION TABLE
INPUTS
OUTPUTS
nA
nB
nY
L
L
H
L
H
H
H
L
H
H
H
L
NOTES:
H = HIGH voltage level
L
= LOW voltage level
RECOMMENDED OPERATING CONDITIONS
SYMBOL
PARAMETER
CONDITIONS
LIMITS
UNIT
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
VCC
DC supply voltage (for max. speed performance)
2.7
3.6
V
VCC
DC supply voltage (for low-voltage applications)
1.2
3.6
V
VI
DC Input voltage range
0
5.5
V
VO
DC output voltage range
0
VCC
V
Tamb
Operating ambient temperature range in free-air
–40
+85
°C
tr, tf
Input rise and fall times
VCC = 1.2 to 2.7V
VCC = 2.7 to 3.6V
0
0
20
10
ns/V
ABSOLUTE MAXIMUM RATINGS1
Absolute Maximum Rating System (IEC 134)
Voltages are referenced to GND (ground = 0V)
SYMBOL
PARAMETER
CONDITIONS
RATING
UNIT
VCC
DC supply voltage (for max. speed
performance)
–0.5 to +6.5
V
IIK
DC input diode current
VI t0
–50
mA
VI
DC input voltage
Note 2
–0.5 to +5.5
V
IOK
DC output diode current
VO uVCC or VO t 0
"50
mA
VO
DC output voltage
Note 2
–0.5 to VCC + 0.5
V
IO
DC output source or sink current
VO = 0 to VCC
"50
mA
IGND, ICC
DC VCC or GND current
"100
mA
Tstg
Storage temperature range
–65 to +150
°C
Power dissipation per package
PTOT
– plastic mini-pack (SO)
above +70
°C derate linearly with 8 mW/K
500
mW
– plastic shrink mini-pack (SSOP and TSSOP)
above +60
°C derate linearly with 5.5 mW/K
500
mW
NOTES:
1. Stresses beyond those listed may cause permanent damage to the device. These are stress ratings only and functional operation of the
device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to
absolute-maximum-rated conditions for extended periods may affect device reliability.
2. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com