Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFAH1602A-RTF-JP Datasheet(PDF) 3 Page - Crystalfontz America, Inc.

Part # CFAH1602A-RTF-JP
Description  The LCD display Module is built in a LSI controller, the controller has two 8-bit registers, an instruction register (IR) and a data register (DR).
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYSTAIFONTZ [Crystalfontz America, Inc.]
Direct Link  https://www.crystalfontz.com/
Logo CRYSTAIFONTZ - Crystalfontz America, Inc.

CFAH1602A-RTF-JP Datasheet(HTML) 3 Page - Crystalfontz America, Inc.

  CFAH1602A-RTF-JP Datasheet HTML 1Page - Crystalfontz America, Inc. CFAH1602A-RTF-JP Datasheet HTML 2Page - Crystalfontz America, Inc. CFAH1602A-RTF-JP Datasheet HTML 3Page - Crystalfontz America, Inc. CFAH1602A-RTF-JP Datasheet HTML 4Page - Crystalfontz America, Inc. CFAH1602A-RTF-JP Datasheet HTML 5Page - Crystalfontz America, Inc. CFAH1602A-RTF-JP Datasheet HTML 6Page - Crystalfontz America, Inc. CFAH1602A-RTF-JP Datasheet HTML 7Page - Crystalfontz America, Inc. CFAH1602A-RTF-JP Datasheet HTML 8Page - Crystalfontz America, Inc. CFAH1602A-RTF-JP Datasheet HTML 9Page - Crystalfontz America, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
http://www.crystalfontz.com
email: sales@crystalfontz.com
Phone: (509) 291-3514
Fax:
(509) 291-3345
Crystalfontz America, Inc.
15611 East Washington Road
Valleyford, WA 99036
0RGXOH&ODVVLILFDWLRQ,QIRUPDWLRQ
CFA H
1 6 0 2
A
A G B
JP
c d
e
f g h i
j
c Brand: CRYSTALFONTZ AMERICA, INCORPORATED
d Display Type: H(Character Type, G(Graphic Type
e Display’s logical dimensions: 16 columns by 02 lines
f Model serials no.
g Backlight Type:
N
(Without backlight
B
(EL, Blue green
D
(EL, Green
W
(EL, White
F
(CCFL, White
Y
(LED, Yellow Green
A
(LED, Amber
R
(LED, Red
O
(LED, Orange
G
(LED, Green
h LCD Mode:
B
(TN Positive, Gray
N
(TN Negative,
G
(STN Positive, Gray
Y
(STN Positive, Yellow Green
M
(STN Negative, Blue
F
(FSTN Positive
T
(FSTN Negative
i LCD Polarizer Type,
Temperature range,
Viewing direction:
A
(Reflective, N.T, 6:00
D
(Reflective, N.T, 12:00
G
(Reflective, W. T, 6:00
J
(Reflective, W. T, 12:00
B
(Transflective, N.T,6:00
E
(Transflective, N.T.12:00
H
(Transflective, W.T,6:00
K
(Transflective, W.T,12:00
C
(Transmissive, N.T,6:00
F
(Transmissive, N.T,12:00
I
(Transmissive, W. T, 6:00
L
(Transmissive, W.T,12:00
j Special Code:
JP
(English and Japanese standard font




Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com