Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NT90TPHADDC5VCB2.2 Datasheet(PDF) 1 Page - DB Lectro Inc

Part # NT90TPHADDC5VCB2.2
Description  Small size, light weight. Low coil power consumption, heavy contact load. Strong anti-shock and anti-vibration, high reliability, long life.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

NT90TPHADDC5VCB2.2 Datasheet(HTML) 1 Page - DB Lectro Inc

  NT90TPHADDC5VCB2.2 Datasheet HTML 1Page - DB Lectro Inc NT90TPHADDC5VCB2.2 Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
n
Small size, light weight. Low coil power consumption, heavy contact load. Strong anti-shock and anti-vibration, high
reliability, long life.
n
Suitable for automobile, machine, electronic equipment, air conditioner and household appliance applications.
Contact Data
Contact Arrangement
1A, 1B, 1C
Contact Material
Ag CdO
Ag SnO
2
Ag SnO
2 In2O3
Contact Rating (resistive)
NO:30A/240VAC,14VDC; NC:20A/240VAC ;30A/14VDC
NO;40A/250VAC,28VDC; NC:30A/250VAC,28VDC (0.9W)
Max. Switching Power
1100W
7200VA
Max. Switching Voltage
110VDC 250VAC
Max. Switching Current:40A
Contact Resistance or Voltage drop
30m
Ω Max
Item 3.12 of IEC255-7
Electrical
10
5
Item 3.30 of IEC255-7
Operation
life
Mechanical
10
7
Item 3.31 of IEC255-7
Coil Parameter
DC Coil Parameter
AC Coil Parameter
Coil voltage
VDC
Coil
resistance
Ω±10%
Pick up
voltageE
VDC(max)
(75%of
rated
voltage)
Release
voltage
VDC(min)
(10%of
rated
voltage)
Coil
power
W
Operate
Time
ms
Max
Release
Time
ms
Max
Rated
voltage
VAC
Coil
resistance
Ω±10%
Coil
power
Rated
Max
3
3.9
10/15
2.25
0.3
12
(27)
5
6.5
28/42
3.75
0.5
6
7.8
40/60
4.50
0.6
24
(120)
9
11.7
90/135
6.75
0.9
12
15.6
160/240
9.00
1.2
110
(2360)
15
19.5
250/375
10.25
1.5
18
23.4
360/540
13.50
1.8
120
(3040)
24
31.2
640/960
18.00
2.4
48
62.4
2560/3840
36.00
4.8
220
(13490)
110
143
13445/20167
82.50
11.0
0.9/0.6
15
10
2VA
CAUTION: 1.The use of any coil voltage less than the rated coil voltage will compromise the operation of the relay.
2.Pickup and release voltage are for test purposes only and are not to be used as design criteria.
Operation condition
Insulation Resistance
1000M
Ω min (at 500VDC)
Item 7 of IEC255-5
Dielectric Strength
Between contacts
Between contact and coil
50Hz 1500V
50Hz 2500V
Item 6 of IEC255-5
Item 6 of IEC255-5
Shock resistance
200m/s
2
11ms
IEC68-2-27 Test Ea method 1
Vibration resistance
10~55Hz double amplitude
1.5mm
IEC68-2-6 Test Fc
Terminals strength
10N
IEC68-2-21 Test Ua1
Solderability
230 ºC
± 2 ºC
10
± 0.5s
IEC68-2-20 Test Ta method 1
Ambient Temperature
-55~100 ºC
-55~125 ºC
Relative Humidity
85% (at 40 ºC)
IEC68-2-3Test Ca
Mass
37g
Qualification inspection:
Perform the qualification test as specified in the table IV of IEC255-19-1 and minimum sample size 24.
79
NT90TP(T92)
E174722
R2033977.07
LR956331
32.4(50)
×27×28.5
CH0050401-2000
E9930952
DB LECTRO INC


Similar Part No. - NT90TPHADDC5VCB2.2

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
NT90TPHADDC5VC DBLECTRO-NT90TPHADDC5VC Datasheet
539Kb / 4P
Suitable for automobile, machine, electronic equipment, air conditioner and household appliances applications
More results

Similar Description - NT90TPHADDC5VCB2.2

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
NVFS DBLECTRO-NVFS Datasheet
103Kb / 2P
Small size and light weight. Heavy contact load (30A)
NT90T DBLECTRO-NT90T Datasheet
727Kb / 4P
Small size, light weight. Low coil power consumption, heavy contact load. Strong anti-shock and anti-vibration, high reliability, long life.
NT90 DBLECTRO-NT90 Datasheet
335Kb / 3P
Small size, light weight. Low coil power consumption, heavy contact load. Strong anti-shock and anti-vibration, high reliability, long life.
NT73-2 DBLECTRO-NT73-2 Datasheet
300Kb / 2P
Small size, light weight, heavy reverse power. / Low coil power consumption.
NVFS DBLECTRO-NVFS_05 Datasheet
303Kb / 2P
Small size and light weight. Heavy contact load (30A).
JMX-94F DBLECTRO-JMX-94F_05 Datasheet
2Mb / 3P
Well anti-shock and anti-vibration
logo
HuaXinAn Electronics CO...
JZC-22F2A HUAXINAN-JZC-22F2A Datasheet
687Kb / 1P
Small size, light weight .Low coil power consumption
NT90-A HUAXINAN-NT90-A Datasheet
1Mb / 2P
Small size, light weight. Low coil power consumption, heavy contact load. Strong anti-shock and anti-vibration, high
NT90-B HUAXINAN-NT90-B Datasheet
1Mb / 2P
Small size, light weight. Low coil power consumption, heavy contact load. Strong anti-shock and anti-vibration, high
NT90T-B HUAXINAN-NT90T-B Datasheet
1Mb / 3P
Small size, light weight. Low coil power consumption, heavy contact load. Strong anti-shock and anti-vibration, high reliability, long life.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com