Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IL610 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # IL610
Description  Passive Input Digital Isolators
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IL610 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  IL610 Datasheet HTML 1Page - List of Unclassifed Manufacturers IL610 Datasheet HTML 2Page - List of Unclassifed Manufacturers IL610 Datasheet HTML 3Page - List of Unclassifed Manufacturers IL610 Datasheet HTML 4Page - List of Unclassifed Manufacturers IL610 Datasheet HTML 5Page - List of Unclassifed Manufacturers IL610 Datasheet HTML 6Page - List of Unclassifed Manufacturers IL610 Datasheet HTML 7Page - List of Unclassifed Manufacturers IL610 Datasheet HTML 8Page - List of Unclassifed Manufacturers IL610 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
IL610 IL611 IL612
IL613 IL614
2
Absolute Maximum Ratings
(1)
Parameters
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Storage Temperature
T
S
-55
150
°C
Ambient Operating Temperature
T
A
-55
125
°C
Supply Voltage
V
DD
-0.5
7
V
Input Current
I
IN
-25
25
mA
Output Voltage
V
O
-0.5
V
CC+0.5
V
Maximum Output Current
I
O
-10
10
mA
ESD
2
kV
HBM
Recommended Operating Conditions
Parameters
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Ambient Operating Temperature
T
A
-40
85
°C
Supply Voltage
V
DD
3.0
5.5
V
Input Current
I
IN
0
10
mA
Output Current
I
OUT
-4
4
mA
Open Drain Reverse Voltage
V
SD
-0.5
V
Open Drain Voltage
V
DS
6.5
V
Open Drain Load Current
I
OD
4
mA
Input Signal Rise and Fall Times
t
IR, tIF
50
ms
Common Mode Input Voltage
V
CM
400
V
AC RMS
Insulation Specifications
Parameters
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Creepage Distance (external)
MSOP
3.010
mm
0.15’’ SOIC
4.026
mm
0.30’’ SOIC
8.077
mm
0.30’’ PDIP
7.077
mm
Internal Isolation Distance
9
µm
Leakage Current
0.2
µA
RMS
240 V
RMS, 60 Hz
Barrier Impedance
>1014||7
Ω || pF
Safety & Approvals
IEC61010-1
TUV Certificate Numbers:
Approval Pending
Classification
Model
Package
Pollution
Degree
Material
Group
Max. Working
Voltage
IL610-1, IL610A-1, IL611-1, IL611A-1
MSOP
II
III
100 VRMS
IL610-2, IL610A-2, IL611-2, IL611A-2, IL612-2, IL612A-2
PDIP
II
III
300 VRMS
IL613, IL614
SOIC (0.3")
II
III
300 VRMS
IL610-3, IL610A-3, IL611-3, IL611A-3, IL612-3, IL612A-3
IL613-3, IL614-3
SOIC (0.15")
II
III
150 VRMS
UL 1577
Component Recognition program. File #:
Approval Pending
Rated 2500V
RMS for 1 minute (SOIC, PDIP), 1000VRMS for 1 minute (MSOP)
Electrostatic Discharge Sensitivity
This product has been tested for electrostatic sensitivity to the limits stated in the specifications. However, NVE recommends that all integrated
circuits be handled with appropriate care to avoid damage. Damage caused by inappropriate handling or storage could range from performance
degradation to complete failure.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com