Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMDF3N06VL Datasheet(PDF) 2 Page - ON Semiconductor

Part # MMDF3N06VL
Description  Power MOSFET 3 Amps, 60 Volts N?묬hannel SO??, Dual
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMDF3N06VL Datasheet(HTML) 2 Page - ON Semiconductor

  MMDF3N06VL Datasheet HTML 1Page - ON Semiconductor MMDF3N06VL Datasheet HTML 2Page - ON Semiconductor MMDF3N06VL Datasheet HTML 3Page - ON Semiconductor MMDF3N06VL Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MMDF3N06VL
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain−to−Source Breakdown Voltage
(VGS = 0 Vdc, ID = 0.25 mAdc)
Temperature Coefficient (Positive)
V(BR)DSS
60
−
−
66
−
−
Vdc
mV/
°C
Zero Gate Voltage Drain Current
(VDS = 60 Vdc, VGS = 0 Vdc)
(VDS = 60 Vdc, VGS = 0 Vdc, TJ = 150°C)
IDSS
−
−
−
−
10
100
mAdc
Gate−Body Leakage Current (VGS = ± 15 Vdc, VDS = 0 Vdc)
IGSS
−
−
100
nAdc
ON CHARACTERISTICS (Note 1)
Gate Threshold Voltage
(VDS = VGS, ID = 250 mAdc)
Threshold Temperature Coefficient (Negative)
VGS(th)
1.0
−
1.5
3.0
2.0
−
Vdc
mV/
°C
Static Drain−to−Source On−Resistance
(VGS = 5.0 Vdc, ID = 3.3 Adc)
RDS(on)
−
0.12
0.13
W
Drain−to−Source On−Voltage
(VGS = 5.0 Vdc, ID = 3.3 Adc)
(VGS = 5.0 Vdc, ID = 1.65 Adc, TJ = 150°C)
VDS(on)
−
−
−
−
0.5
0.4
Vdc
Forward Transconductance (VDS = 15 Vdc, ID = 1.65 Adc)
gFS
1.0
3.0
−
Mhos
DYNAMIC CHARACTERISTICS
Input Capacitance
(V
25 Vd
V
0Vd
Ciss
−
340
480
pF
Output Capacitance
(VDS = 25 Vdc, VGS = 0 Vdc,
f = 1.0 MHz)
Coss
−
110
150
Transfer Capacitance
f = 1.0 MHz)
Crss
−
27
50
SWITCHING CHARACTERISTICS (Note 2)
Turn−On Delay Time
td(on)
−
10
20
ns
Rise Time
(VDD = 30 Vdc, ID = 3.3 Adc,
VGS =50Vdc
tr
−
30
60
Turn−Off Delay Time
VGS = 5.0 Vdc,
RG = 9.1 Ω)
td(off)
−
32
60
Fall Time
RG
9.1
Ω)
tf
−
28
60
Gate Charge
QT
−
9.0
20
nC
(VDS = 48 Vdc, ID = 3.3 Adc,
Q1
−
1.5
−
(VDS
48 Vdc, ID
3.3 Adc,
VGS = 5.0 Vdc)
Q2
−
4.3
−
Q3
−
3.5
−
SOURCE−DRAIN DIODE CHARACTERISTICS
Forward On−Voltage (Note 1)
(IS = 3.3 Adc, VGS = 0 Vdc)
(IS = 3.3 Adc, VGS = 0 Vdc, TJ = 150°C)
VSD
−
−
0.84
0.67
1.2
−
Vdc
Reverse Recovery Time
trr
−
58
−
ns
(I =33Adc V
= 0 Vdc
ta
−
38
−
(IS = 3.3 Adc, VGS = 0 Vdc,
dIS/dt = 100 A/µs)
tb
−
20
−
Reverse Recovery Storage
Charge
dIS/dt = 100 A/µs)
QRR
−
0.11
−
mC
1. Pulse Test: Pulse Width
≤ 300 ms, Duty Cycle ≤ 2%.
2. Switching characteristics are independent of operating junction temperature.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com