Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMDF3N06VLR2 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MMDF3N06VLR2
Description  Power MOSFET 3 Amps, 60 Volts N?묬hannel SO??, Dual
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMDF3N06VLR2 Datasheet(HTML) 1 Page - ON Semiconductor

  MMDF3N06VLR2 Datasheet HTML 1Page - ON Semiconductor MMDF3N06VLR2 Datasheet HTML 2Page - ON Semiconductor MMDF3N06VLR2 Datasheet HTML 3Page - ON Semiconductor MMDF3N06VLR2 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Semiconductor Components Industries, LLC, 2004
April, 2004 − Rev. 2
1
Publication Order Number:
MMDF3N06VL/D
MMDF3N06VL
Power MOSFET
3 Amps, 60 Volts
N−Channel SO−8, Dual
Designed for low voltage, high speed switching applications in
power supplies, converters and power motor controls, these devices
are particularly well suited for bridge circuits where diode speed and
commutating safe operating areas are critical and offer additional
safety margin against unexpected voltage transients.
Features
• On−resistance Area Product about One−half that of Standard
MOSFETs with New Low Voltage, Low RDS(on) Technology
• Faster Switching than E−FETt Predecessors
• Avalanche Energy Specified
• I
DSS and VDS(on) Specified at Elevated Temperature
• Static Parameters are the Same for both TMOS V and TMOS E−FET
• Miniature SO−8 Surface Mount Package − Saves Board Space
• Mounting Information for SO−8 Package Provided
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Drain−to−Source Voltage
VDSS
60
Vdc
Drain−to−Gate Voltage, (RGS = 1 MΩ)
VDGR
60
Vdc
Gate−to−Source Voltage − Continuous
VGS
± 15
Vdc
Drain Current − Continuous @ TA = 25°C
Drain Current − Continuous @ TA = 100°C
Drain Current − Single Pulse (tp ≤ 10 ms)
ID
ID
IDM
3.3
0.7
10
Adc
Apk
Total Power Dissipation @ TA = 25°C
(Note 1)
PD
2.0
W
Operating and Storage Temperature Range
TJ, Tstg
− 55 to
150
°C
Single Pulse Drain−to−Source Avalanche
Energy − Starting TJ = 25°C
(VDD = 25 Vdc, VGS = 5.0 Vdc, Peak
IL = 3.3 Apk, L = 10 mH, RG = 25 Ω)
EAS
54
mJ
Thermal Resistance, Junction to Ambient
(Note 1)
RθJA
62.5
°C/W
Maximum Lead Temperature for Soldering
Purposes, 0.0625
″ from case for 10
seconds
TL
260
°C
1
Mounted on G10/FR4 glass epoxy board using minimum recommended
footprint.
Source−1
1
2
3
4
8
7
6
5
Top View
Gate−1
Source−2
Gate−2
Drain−1
Drain−1
Drain−2
Drain−2
Device
Package
Shipping†
ORDERING INFORMATION
MMDF3N06VLR2
SO−8
2500 Tape & Reel
SO−8
CASE 751
STYLE 11
N−Channel
MARKING
DIAGRAM
D
S
G
PIN ASSIGNMENT
http://onsemi.com
VDSS
RDS(ON) TYP
ID MAX
60 V
130 m
Ω
3.0 A
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
1
8
3N06V
ALYW
1
8
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W
= Work Week


Similar Part No. - MMDF3N06VLR2

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMDF3N06HD MOTOROLA-MMDF3N06HD Datasheet
213Kb / 10P
DUAL TMOS POWER MOSFET 60 VOLTS
logo
ON Semiconductor
MMDF3N06HD ONSEMI-MMDF3N06HD Datasheet
276Kb / 12P
N?묬hannel SO??, Dual Power MOSFET
Sep, 2004 ??Rev. XXX
MMDF3N06HDR2 ONSEMI-MMDF3N06HDR2 Datasheet
276Kb / 12P
N?묬hannel SO??, Dual Power MOSFET
Sep, 2004 ??Rev. XXX
More results

Similar Description - MMDF3N06VLR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMD4N03R2 ONSEMI-NTMD4N03R2 Datasheet
80Kb / 8P
Power MOSFET 4 Amps, 30 Volts N?묬hannel SO?? Dual
May, 2004 ??Rev. 1
NTF3055-100 ONSEMI-NTF3055-100 Datasheet
70Kb / 6P
Power MOSFET 3.0 Amps 60 Volts N?묬hannel
February, 2006 ??Rev. 3
MMDF2N02E ONSEMI-MMDF2N02E Datasheet
100Kb / 7P
Power MOSFET 2 Amps, 25 Volts N?묬hannel SO??, Dual
February, 2006 ??Rev. 7
MMDF2P02E ONSEMI-MMDF2P02E Datasheet
99Kb / 7P
Power MOSFET 2 Amps, 25 Volts P?묬hannel SO??, Dual
April, 2006 ??Rev. 8
MMDF2P02HD ONSEMI-MMDF2P02HD Datasheet
100Kb / 8P
Power MOSFET 2 Amps, 20 Volts P?묬hannel SO??, Dual
February, 2006 ??Rev. 7
MMSF3P02HD ONSEMI-MMSF3P02HD Datasheet
102Kb / 8P
Power MOSFET 3 Amps, 20 Volts P?묬hannel SO??
February, 2006 ??Rev. 7
NTMSD6N303R2 ONSEMI-NTMSD6N303R2 Datasheet
228Kb / 11P
Power MOSFET 6 Amps, 30 Volts N?묬hannel SO?? FETKY
March, 2006 ??Rev. 2
MMDF7N02ZR2 ONSEMI-MMDF7N02ZR2 Datasheet
256Kb / 12P
Power MOSFET 7 Amps, 20 Volts N?묬hannel SO??, Dual
September, 2004?뭃ev. XXX
MMDF2P03HDR2 ONSEMI-MMDF2P03HDR2 Datasheet
236Kb / 10P
Power MOSFET 2 Amps, 30 Volts P?묬hannel SO??, Dual
August, 2006 ??Rev. 8
NTD20N06-001 ONSEMI-NTD20N06-001 Datasheet
162Kb / 7P
Power MOSFET 20 Amps, 60 Volts, N?묬hannel DPAK
August, 2011 ??Rev. 8
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com