Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LVC02A Datasheet(PDF) 5 Page - NXP Semiconductors

Part # LVC02A
Description  Quad 2-input NOR gate
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LVC02A Datasheet(HTML) 5 Page - NXP Semiconductors

  LVC02A Datasheet HTML 1Page - NXP Semiconductors LVC02A Datasheet HTML 2Page - NXP Semiconductors LVC02A Datasheet HTML 3Page - NXP Semiconductors LVC02A Datasheet HTML 4Page - NXP Semiconductors LVC02A Datasheet HTML 5Page - NXP Semiconductors LVC02A Datasheet HTML 6Page - NXP Semiconductors LVC02A Datasheet HTML 7Page - NXP Semiconductors LVC02A Datasheet HTML 8Page - NXP Semiconductors LVC02A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Philips Semiconductors
Product specification
74LVC02A
Quad 2-input NOR gate
1998 Apr 28
5
AC CHARACTERISTICS
GND = 0 V; tr = tf v 2.5 ns; CL = 50 pF
LIMITS
SYMBOL
PARAMETER
WAVEFORM
VCC = 3.3V ±0.3V
VCC = 2.7V
VCC = 1.2V
UNIT
MIN
TYP1
MAX
MIN
TYP1
MAX
TYP
tPHL/tPLH
Propagation delay
nA, nB to nY
Figures 1, 2
1.5
2.8
4.6
1.5
3.2
5.6
11
ns
NOTE:
1. These typical values are at VCC = 3.3V and Tamb = 25°C.
AC WAVEFORMS
VM = 1.5 V at VCC w 2.7 V
VM = 0.5 S VCC at VCC < 2.7 V
VOL and VOH are the typical output voltage drop that occur with the
output load.
SV00392
VI
nA, nB, INPUT
GND
VOH
nY OUTPUT
VOL
VM
tPHL
tPLH
VM
Waveform 1. Input (nA, nB) to output (nY) propagation delays.
TEST CIRCUIT
PULSE
GENERATOR
VI
RT
D.U.T.
VO
CL
50pF
S1
2
< VCC
Open
GND
500
Ω
500
Ω
VCC
VI
t 2.7V
VCC
2.7V – 3.6V
2.7V
Test
S1
tPLH/tPHL
Open
VCC
SY00077
Waveform 2.
Load circuitry for switching times.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com