Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTH05000WAS Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # PTH05000WAS
Description  6-A, 5-V Input Non-Isolated Wide-Output Adjust Power Module
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH05000WAS Datasheet(HTML) 2 Page - Texas Instruments

  PTH05000WAS Datasheet HTML 1Page - Texas Instruments PTH05000WAS Datasheet HTML 2Page - Texas Instruments PTH05000WAS Datasheet HTML 3Page - Texas Instruments PTH05000WAS Datasheet HTML 4Page - Texas Instruments PTH05000WAS Datasheet HTML 5Page - Texas Instruments PTH05000WAS Datasheet HTML 6Page - Texas Instruments PTH05000WAS Datasheet HTML 7Page - Texas Instruments PTH05000WAS Datasheet HTML 8Page - Texas Instruments PTH05000WAS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
For technical support and further information visit http://power.ti.com
Pin Descriptions
Vin:
The positive input voltage power node to the mod-
ule, which is referenced to common GND.
Vout:
The regulated positive power output with respect
to the GND node.
GND:
This is the common ground connection for the
‘Vin’ and ‘Vout’ power connections. It is also the 0 VDC
reference for the ‘Inhibit’ and ‘Vo Adjust’ control input.
Inhibit:
The Inhibit pin is an open-collector/drain negative
logic input that is referenced to GND. Applying a low-
level ground signal to this input disables the module’s
output and turns off the output voltage. When the Inhibit
control is active, the input current drawn by the regulator
is significantly reduced. If the Inhibit pin is left open-
circuit, the module will produce an output whenever a
valid input source is applied.
Vo Adjust:
A 0.1 W 1 % resistor must be directly connected
between this pin and the GND pin to set the output voltage
to a value higher than 0.9 V. The temperature stability
of the resistor should be 100 ppm/°C (or better). The set
point range for the output voltage is from 0.9 V to 3.6 V.
The resistor required for a given output voltage may be
calculated from the following formula. If left open circuit,
the output voltage will default to its lowest value. For
further information on output voltage adjustment, consult
the related application note.
Rset
= 10 k
Ω ·
0.891 V
– 3.24 k
Ω
Vout – 0.9 V
The specification table gives the preferred resistor values
for a number of standard output voltages.
Ordering Information
Package Options (PTH05000x
HH)(1)
Code
Description
Pkg Ref. (2)
AH
Horiz. T/H
(EUS)
AS
SMD, Standard (3)
(EUT)
Output Voltage (PTH05000
Hxx)
Code
Voltage
W
0.9 V – 3.6 V (Adjust)
Notes:
(1) Add “T” to end of part number for tape and reel on SMD packages only.
(2) Reference the applicable package reference drawing for the dimensions and PC board layout
(3) “Standard” option specifies 63/37, Sn/Pb pin solder material.
6-A, 5-V Input Non-Isolated
Wide-Output Adjust Power Module
SLTS201C – MAY 2003 – REVISED DECEMBER 2003
PTH05000W —5-V Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com