Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC109D Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74LVC109D
Description  Dual JK flip-flop with set and reset; positive-edge trigger
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC109D Datasheet(HTML) 2 Page - NXP Semiconductors

  74LVC109D Datasheet HTML 1Page - NXP Semiconductors 74LVC109D Datasheet HTML 2Page - NXP Semiconductors 74LVC109D Datasheet HTML 3Page - NXP Semiconductors 74LVC109D Datasheet HTML 4Page - NXP Semiconductors 74LVC109D Datasheet HTML 5Page - NXP Semiconductors 74LVC109D Datasheet HTML 6Page - NXP Semiconductors 74LVC109D Datasheet HTML 7Page - NXP Semiconductors 74LVC109D Datasheet HTML 8Page - NXP Semiconductors 74LVC109D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Philips Semiconductors
Product specification
74LVC109
Dual JK flip-flop with set and reset; positive-edge trigger
2
1998 Apr 28
853–1947 19308
FEATURES
• Wide supply voltage range of 1.2 to 3.6 V
• In accordance with JEDEC standard no. 8-1A.
• Inputs accept voltages up to 5.5 V
• CMOS low power consumption
• Direct interface with TTL levels
• Output capability: standard
• I
CC category: flip-flops
DESCRIPTION
The 74LVC109 is a low-voltage Si-gate CMOS device that is pin and
function compatible with 74HC/HCT109.
The 74LVC109 is a dual positive-edge triggered JK-type flip-flop
featuring individual J, K inputs, clock (CP) inputs, set (SD) and reset
(RD) inputs; also complementary Q and Q outputs.
The set and reset are asynchronous active LOW inputs and operate
independently of the clock input.
The J and K inputs control the state changes of the flip-flops as
described in the mode select function table. The J and K inputs must
be stable one set-up time prior to the LOW-to-HIGH clock transition
for predictable operation. The JK design allows operation as a
D-type flip-flop by tying the J and K inputs together.
Schmitt-trigger action in the clock input makes the circuit highly
tolerant to slower clock rise and fall times.
QUICK REFERENCE DATA
GND = 0 V; Tamb = 25°C; tr = tf ≤ 2.5 ns
SYMBOL
PARAMETER
CONDITIONS
TYPICAL
UNIT
tPHL/tPLH
Propagation delay
nCP to nQ, nQ
nSD to nQ, nQ
nRD to nQ, nQ
CL = 50 pF;
VCC = 3.3 V
4.0
4.5
4.5
ns
fmax
Maximum clock frequency
250
MHz
CI
Input capacitance
5.0
pF
CPD
Power dissipation capacitance per flip-flop
VI = GND to VCC1
27
pF
NOTE:
1. CPD is used to determine the dynamic power dissipation (PD in µW)
PD = CPD × VCC2 × fi )Σ (CL × VCC2 × fo) where:
fi = input frequency in MHz; CL = output load capacity in pF;
fo = output frequency in MHz; VCC = supply voltage in V;
Σ (CL × VCC2 × fo) = sum of the outputs.
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
OUTSIDE NORTH AMERICA
NORTH AMERICA
PKG. DWG. #
16-Pin Plastic SO
–40
°C to +85°C
74LVC109 D
74LVC109 D
SOT109-1
16-Pin Plastic SSOP Type II
–40
°C to +85°C
74LVC109 DB
74LVC109 DB
SOT338-1
16-Pin Plastic TSSOP Type I
–40
°C to +85°C
74LVC109 PW
74LVC109PW DH
SOT403-1
PIN CONFIGURATION
SV00517
1R
D
1K
1CP
1S D
V
CC
2R
D
2J
2K
2CP
2S
D
2Q
2Q
1J
1Q
1Q
GND
14
13
12
11
10
9
8
1
2
3
4
5
6
7
16
15
PIN DESCRIPTION
PIN
NUMBER
SYMBOL
FUNCTION
1, 15
1RD, 2RD
Asynchronous reset input
(active LOW)
2, 14, 3, 13
1J, 2J, 1K, 2K
Synchronous inputs;
flip-flops 1 and 2
4, 12
1CP, 2CP
Clock input
(LOW-to-HIGH, edge-triggered)
5, 11
1SD, 2SD
Asynchronous set inputs
(active LOW)
6, 10
1Q, 2Q
True flip-flop outputs
7, 9
1Q, 2Q
Complement flip-flop outputs
8
GND
Ground (O V)
16
VCC
Positive supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com