Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GMBTA08 Datasheet(PDF) 1 Page - Belden Inc.

Part # GMBTA08
Description  Outdoor Tactical tight buffered breakout cable PUR jacket 8f SM OS2 G.652.D & G.657.A1.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

GMBTA08 Datasheet(HTML) 1 Page - Belden Inc.

  GMBTA08 Datasheet HTML 1Page - Belden Inc. GMBTA08 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: GMBTA08
Outdoor Tactical tight buffered breakout cable PUR jacket 8f SM OS2 G.652.D
& G.657.A1.
Product Description
Outdoor Tactical tight buffered breakout cable with Polyurethane (PUR) outer jacket. 8 fibers SM OS2 G.652.D & G.657.A1.
Technical Specifications
Product Overview
Construction Type:
Tactical Breakout
Environmental Space:
Indoor/Outdoor
Suitable Applications:
For outdoor and indoor use. These metal-free mobile cables have been designed for de-spooling and re-spooling repeatedly. Support all computer network applications such as
FDDI, Gigabit Ethernet and ATM Easy to install. Not Recommended for direct burial.
Construction
Fiber Cable Construction
Fiber Type Fiber Grade acc. ITU-T Fiber Count
OS2
G.652D & G.657A1
8
Fiber Color Coding:
TIA coding (Gxxxxxx.T): Blue, Orange, Green, Brown, Gray, White, Red, Black
Buffer Specification
Fiber Type Buffer Construction Buffer Material Buffer Diameter
OS2
Tight
Nylon
0.9 mm
Cable Core Water Tight:
Yes
Cable Core Waterblocking:
Waterblocking Aramid Yarns + Tape
Bulk Cable Weight:
75 kg/km
Jacket Specifications
Number of Jackets:
Single Jacket
Type of Armor:
Non-Armored
Outer Jacket Specifications
Outer Jacket
Material
Nominal Diameter Ripcord
PUR - Polyurethane 10.0 mm
Yes
Optical Characteristics
Max. Attenuation at 1310
nm:
0.40 dB/km
Max. Attenuation at 1550
nm:
0.30 dB/km
Max. Attenuation at 1625
nm:
0.30 dB/km
Mechanical Characteristics
Mechanical Tests
Description
Tested Standard
Requirement/Value According to Family Specification


Similar Part No. - GMBTA08

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
GMBTA02 BELDEN-GMBTA02 Datasheet
139Kb / 2P
Outdoor Tactical tight buffered breakout cable PUR jacket 2f SM OS2 G.652.D & G.657.A1.
01-20-2023
GMBTA04 BELDEN-GMBTA04 Datasheet
139Kb / 2P
Outdoor Tactical tight buffered breakout cable PUR jacket 4f SM OS2 G.652.D & G.657.A1.
01-20-2023
logo
GTM CORPORATION
GMBTA05 GTM-GMBTA05 Datasheet
221Kb / 2P
NPN SILICON TRANSISTOR
logo
E-Tech Electronics LTD
GMBTA05 ETL-GMBTA05 Datasheet
227Kb / 2P
N P N S I L I C O N T R A N S I S T O R
logo
Guilin Strong Micro-Ele...
GMBTA05 GSME-GMBTA05 Datasheet
204Kb / 2P
NPN Low Frequency Amplifier Transistor
More results

Similar Description - GMBTA08

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
GMBTA02 BELDEN-GMBTA02 Datasheet
139Kb / 2P
Outdoor Tactical tight buffered breakout cable PUR jacket 2f SM OS2 G.652.D & G.657.A1.
01-20-2023
GMBTA04 BELDEN-GMBTA04 Datasheet
139Kb / 2P
Outdoor Tactical tight buffered breakout cable PUR jacket 4f SM OS2 G.652.D & G.657.A1.
01-20-2023
GMBTA06 BELDEN-GMBTA06 Datasheet
139Kb / 2P
Outdoor Tactical tight buffered breakout cable PUR jacket 6f SM OS2 G.652.D & G.657.A1.
01-20-2023
GMBTF08 BELDEN-GMBTF08 Datasheet
138Kb / 2P
Outdoor Tactical tight buffered breakout cable PUR jacket 8f SM OS2 G.657.A2.
01-20-2023
GMBTI08 BELDEN-GMBTI08 Datasheet
138Kb / 2P
Outdoor Tactical tight buffered breakout cable PUR jacket 8f SM OS2 G.657.B3.
01-20-2023
GMMTA02 BELDEN-GMMTA02 Datasheet
140Kb / 2P
Outdoor Tactical tight buffered distribution cable PUR jacket 2f SM OS2 G.652.D & G.657.A1.
01-20-2023
GMTTA08 BELDEN-GMTTA08 Datasheet
139Kb / 2P
Outdoor Tactical tight buffered (core bonded design) PUR jacket 8f SM OS2 G.652.D & G.657.A1.
01-20-2023
GNMTA04 BELDEN-GNMTA04 Datasheet
140Kb / 2P
Outdoor Tactical (loose jacket, ARAMID) tight buffered distribution cable PUR jacket 4f SM OS2 G.652.D & G.657.A1.
01-20-2023
GNMTA08 BELDEN-GNMTA08 Datasheet
140Kb / 2P
Outdoor Tactical (loose jacket, ARAMID) tight buffered distribution cable PUR jacket 8f SM OS2 G.652.D & G.657.A1.
01-20-2023
GNMTA12 BELDEN-GNMTA12 Datasheet
140Kb / 2P
Outdoor Tactical (loose jacket, ARAMID) tight buffered distribution cable PUR jacket 12f SM OS2 G.652.D & G.657.A1.
01-20-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com