Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APC8866D Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # APC8866D
Description  ISDN S Interface Hybrid
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

APC8866D Datasheet(HTML) 2 Page - Bel Fuse Inc.

  APC8866D Datasheet HTML 1Page - Bel Fuse Inc. APC8866D Datasheet HTML 2Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 • Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
©2003 Bel Fuse Inc. Specifications subject to change without notice. 11.06.03
Page 1
CORPORATE
Bel Fuse Inc.
206 Van Vorst Street
Jersey City, NJ 07302
Tel
201-432-0463
Fax 201-432-9542
www.belfuse.com
EUROPE
Bel Stewart Connector
45/46 Riverside
Medway City Estate
Rochester, Kent ME2 4DP U.K.
Tel 44-1634-722890
Fax 44-1634-716677
www.belfuse.com
FAR EAST
Bel Fuse Ltd.
8F / 8 Luk Hop Street
San Po Kong
Kowloon, Hong Kong
Tel 852-2328-5515
Fax 852-2352-3706
www.belfuse.com
©2003 Bel Fuse Inc. Specifications subject to change without notice. 11.06.03
Page 2
ALL DIMENSIONS IN INCHES [MM].
TOLERANCE ±0.2MM UNLESS OTHERWISE STATED.
PIN DIAMETER 0.75MM MAX
MECHANICAL
ISDN S Interface Hybrid
APC8866D
1.516
[38.50]
max
0.157
[4.00]
1.200
[30.48]
0.571
[14.50]
0.787
[20.00]
max
0.600
[15.24]
0.400
[10.16]
0.200
[5.08]
4 places
0.600
[15.24]
0.500
[12.70]
0.100
[2.54]
4 places
0.150
[3.81]
2 places
1
7



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com