Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3045 Datasheet(PDF) 3 Page - Analog Devices

Part # LT3045
Description  Dual 500mA, Positive/Negative, Ultra-Low Noise, Ultra-High PSRR Low Dropout Linear Regulator
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3045 Datasheet(HTML) 3 Page - Analog Devices

  LT3045 Datasheet HTML 1Page - Analog Devices LT3045 Datasheet HTML 2Page - Analog Devices LT3045 Datasheet HTML 3Page - Analog Devices LT3045 Datasheet HTML 4Page - Analog Devices LT3045 Datasheet HTML 5Page - Analog Devices LT3045 Datasheet HTML 6Page - Analog Devices LT3045 Datasheet HTML 7Page - Analog Devices LT3045 Datasheet HTML 8Page - Analog Devices LT3045 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 45 page
background image
Data Sheet
LT3097
SPECIFICATIONS
analog.com
Rev. 0 | 3 of 45
ELECTRICAL CHARACTERISTICS
Junction temperature (TJ) = −40°C to +125°C for the minimum and maximum values, ambient temperature (TA) = 25°C for the typical values,
output capacitance (COUT) = 10 μF ceramic capacitor, and SET capacitance (CSET) = 4.7 μF, unless otherwise noted.
Table 1. Electrical Characteristics
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
POSITIVE INPUT VOLTAGE (VINP) RANGE
2
20
V
NEGATIVE INPUT VOLTAGE (VINN) RANGE
–20
–2.3
V
MINIMUM INP PIN VOLTAGE1
Positive Load Current (ILP) = 500 mA, VINP UVLO rising
1.78
2
V
VINP UVLO hysteresis
75
mV
MINIMUM INN PIN VOLTAGE2
Negative Load Current (ILN) = 500 mA, (VINN) UVLO
rising
–2.3
–1.8
V
VINN UVLO hysteresis
130
mV
POSITIVE OUTPUT VOLTAGE (VOUTP) RANGE
VINP > VOUTP
0
15
V
NEGATIVE OUTPUT VOLTAGE (VOUTN) RANGE
VINN < VOUTN
–19.5
0
V
SETP PIN CURRENT (ISETP)
VINP = 2 V, ILP = 1 mA, VOUTP = 1.3 V, TA = 25°C
99
100
101
µA
2 V < VINP < 20 V, 0 V < VOUTP < 15 V, 1 mA < ILP < 500
mA3
98
100
102
µA
SETN PIN CURRENT (ISETN)
VINN = –2.3 V, ILN = 1 mA, VOUTN = –1.5 V, TA = 25°C
99
100
101
µA
–20 V < VINN < –2.3 V, –19.5 V < VOUTN < 0 V, 1 mA < ILN
< 500 mA4
98
100
102
µA
POSITIVE FAST STARTUP ISETP
PGFBP voltage (VPGFBP) = 289 mV, VINP = 2.8 V, SETP
voltage (VSETP) = 1.3 V
2
mA
NEGATIVE FAST STARTUP ISETN
PGFBN voltage (VPGFBN) = –286 mV, VINN = –2.3 V,
SETN voltage (VSETN) = –1.5 V
1.8
mA
POSITIVE OUTPUT OFFSET VOLTAGE, VOSP (VOUTP –
VSETP)5
VINP = 2 V, ILP = 1 mA, VOUTP = 1.3 V, TA = 25°C
–1
+1
mV
2 V < VINP < 20 V, 0 V < VOUTP < 15 V, 1 mA < ILP < 500
mA3
–2
+2
mV
NEGATIVE OUTPUT OFFSET VOLTAGE, VOSN (VOUTN –
VSETN)6
VINN = –2.3 V, ILN = 1 mA, VOUTN = –1.5 V, TA = 25°C
–1
+1
mV
–20 V < VINN < –2.3 V, –19.5 V < VOUTN < 0 V, 1 mA < ILN
< 500 mA4
–2
+2
mV
POSITIVE LINE REGULATION
ΔISETP
VINP = 2 V to 20 V, ILP = 1 mA, VOUTP = 1.3 V
0.5
±2
nA/V
ΔVOSP
VINP = 2 V to 20 V, ILP = 1 mA, VOUTP = 1.3 V5
0.5
±3
µV/V
NEGATIVE LINE REGULATION
ΔISETN
VINN = –2.3 V to –20 V, ILN = 1 mA, VOUTN = –1.5 V
0.5
±5
nA/V
ΔVOSN
VINN = –2.3 V to –20 V, ILN = 1 mA, VOUTN = –1.5 V6
0.5
±6
µV/V
POSITIVE LOAD REGULATION
ΔISETP
ILP = 1 mA to 500 mA, VINP = 2 V, VOUTP = 1.3 V
3
nA
ΔVOSP
ILP = 1 mA to 500 mA, VINP = 2 V, VOUTP = 1.3 V5
0.1
0.5
mV
NEGATIVE LOAD REGULATION
ΔISETN
ILN = 1 mA to 500 mA, VINN = –2.3 V, VOUTN = –1.5 V
0.1
nA
ΔVOSN
ILN = 1 mA to 500 mA, VINN = –2.3 V, VOUTN = –1.5 V6
0.03
0.5
mV
CHANGE IN ISETP WITH VSETP
VSETP = 1.3 V to 15 V, VINP = 20 V, ILP = 1 mA
30
400
nA
VSETP = 0 V to 1.3 V, VINP = 20 V, ILP = 1 mA
150
600
nA
CHANGE IN ISETN WITH VSETN
VSETN = –1.5 V to –19.5 V, VINN = –20 V, ILN = 1 mA
100
850
nA
VSETN = 0 V to –1.5 V, VINN = –20 V, ILN = 1 mA
150
500
nA
CHANGE IN VOSP WITH VSETP
VSETP = 1.3 V to 15 V, VINP = 20 V, ILP = 1 mA5
0.03
0.6
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com