Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFE201612E-R33M Datasheet(PDF) 15 Page - Analog Devices

Part # DFE201612E-R33M
Description  500mV to 5.5V Input, Ultrasonic Boost Converter with Short-Circuit Protection and True Shutdown
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DFE201612E-R33M Datasheet(HTML) 15 Page - Analog Devices

Back Button DFE201612E-R33M Datasheet HTML 9Page - Analog Devices DFE201612E-R33M Datasheet HTML 10Page - Analog Devices DFE201612E-R33M Datasheet HTML 11Page - Analog Devices DFE201612E-R33M Datasheet HTML 12Page - Analog Devices DFE201612E-R33M Datasheet HTML 13Page - Analog Devices DFE201612E-R33M Datasheet HTML 14Page - Analog Devices DFE201612E-R33M Datasheet HTML 15Page - Analog Devices DFE201612E-R33M Datasheet HTML 16Page - Analog Devices DFE201612E-R33M Datasheet HTML 17Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
500mV to 5.5V Input, Ultrasonic
Boost Converter with Short-Circuit
Protection and True Shutdown
MAX18002
www.analog.com
Analog Devices | 15
Input-Capacitor Selection
For most applications, bypass the IN pin with a 10V 22μF nominal ceramic input capacitors (CIN) that maintains 5μF or
higher effective capacitance at its working voltage. Effective CIN is the actual capacitance value seen from the converter
input during operation. Larger values improve decoupling for the converter but increase inrush current from voltage supply
when connected. CIN reduces the current peaks drawn from the input power source and reduces switching noise in the
system. The ESR/ESL of CIN and its series PCB trace should be very low (i.e., < 15mΩ + < 2nH) for frequencies up to
the converter's switching frequency.
Pay special attention to the capacitor's voltage rating, initial tolerance, variation with temperature, and DC bias
characteristic when selecting CIN. Ceramic capacitors with X7R dielectrics are highly recommended due to their small
size, low ESR, and small temperature coefficients. All ceramic capacitors derate with DC bias voltage (effective
capacitance goes down as DC bias goes up). Generally, smaller case-size capacitors derate more heavily compared to
larger case sizes (0603 case size performs better than 0402). Consider the effective capacitance value carefully by
consulting the manufacturer's data sheet. Refer to Tutorial 5527 for more information.
Output-Capacitor Selection
Sufficient output capacitance (COUT) is required for stable operation of the converter. The minimum effective output
capacitance for different output voltage targets are shown in Table 2. Effective COUT is the actual capacitance value seen
by the converter output during operation. Larger values (above the required effective minimum) improve load transient
performance but increase input surge currents during soft-start and output-voltage changes. To meet output ripple and
load transient requirements, the output filter capacitor must have low enough ESR for frequencies up to the converter's
switching frequency. The output capacitance must be high enough to absorb the inductor energy while transitioning from
full load to no-load conditions. For most applications, 2 x 22μF capacitors (10VDC) is recommended for COUT.
Pay special attention to capacitor's voltage rating, initial tolerance, variation with temperature, and DC bias characteristic
when selecting COUT. Ceramic capacitors with X7R dielectrics are highly recommended due to their small size, low ESR,
and small temperature coefficients. All ceramic capacitors derate with DC bias voltage (effective capacitance goes down
as DC bias goes up). Generally, smaller case-size capacitors derate more heavily compared to larger case sizes (0603
case size performs better than 0402). Consider the effective capacitance value carefully by consulting the manufacturer's
data sheet. Refer to Tutorial 5527 for more information.
Other Required Component Selection
The resistor between the RSEL pins and GND should have a tolerance of ±1% for the internal ADC to read the value
accurately.
PCB Layout Guidelines
Careful circuit board layout is critical to achieve low switching power loss and clean, stable operation.
When designing the PCB, follow these guidelines:
• Place the input capacitors (CIN) and output capacitors (COUT) immediately next to the IN pin and OUT pin of the IC,
respectively. Since the IC operates at a high switching frequency with fast LX edges, this placement is critical for
minimizing parasitic inductance within the input and output current loops, which can cause high voltage spikes and
can damage the internal switching MOSFETs.
• Place the inductor next to the LX bumps (as close as possible) and make the traces between the LX bumps and the
inductor short and wide to minimize PCB trace impedance. Excessive PCB impedance reduces converter efficiency.
• When routing LX traces on a separate layer, make sure to include enough vias to minimize trace
impedance. Routing LX traces on multiple layers is recommended to further reduce trace impedance. Furthermore,
do not make LX traces take up an excessive amount of area. The voltage on this node switches very quickly and
additional area creates more radiated emissions.
• Connect the inner GND bumps to the low-impedance ground plane on the PCB with vias placed next to the bumps.
Do not create GND islands, as GND islands risk interrupting the hot loops.
• Keep the power traces and load connections short and wide. This is essential for high converter efficiency.
• Do not neglect ceramic capacitor DC voltage derating. Choose capacitor values and case sizes carefully. See Output-
Capacitor Selection section and refer to Tutorial 5527 for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com