Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRP2010TMA-R33M Datasheet(PDF) 11 Page - Analog Devices

Part # SRP2010TMA-R33M
Description  500mV to 5.5V Input nanoPower Boost Converter with Short-Circuit Protection
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SRP2010TMA-R33M Datasheet(HTML) 11 Page - Analog Devices

Back Button SRP2010TMA-R33M Datasheet HTML 7Page - Analog Devices SRP2010TMA-R33M Datasheet HTML 8Page - Analog Devices SRP2010TMA-R33M Datasheet HTML 9Page - Analog Devices SRP2010TMA-R33M Datasheet HTML 10Page - Analog Devices SRP2010TMA-R33M Datasheet HTML 11Page - Analog Devices SRP2010TMA-R33M Datasheet HTML 12Page - Analog Devices SRP2010TMA-R33M Datasheet HTML 13Page - Analog Devices SRP2010TMA-R33M Datasheet HTML 14Page - Analog Devices SRP2010TMA-R33M Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
500mV to 5.5V Input nanoPower
Boost Converter with Short-Circuit
Protection
and True Shutdown
MAX18000
www.analog.com
Analog Devices | 11
Detailed Description
The MAX18000 is a nanoPower boost converter with an input voltage range of 500mV to 5.5V ideal for battery power
applications with long standby times. The start-up voltage required for the IC is about 1.8V (typical). The output voltage
is adjustable between 2.5V and 5.5V (in steps of 100mV) using a single external resistor connected between RSEL and
GND. For the part to operate in boost mode, it is essential to keep the VIN level at least 200mV below the VOUT level.
The low quiescent current helps the part maintain high efficiency at low loads (about 90% at a load of 20µA). The IC
operates in three modes according to the load current: nanoPower mode, skip mode, and continuous conduction mode
(CCM). In nanoPower mode, the part deactivates the error amplifier and other internal blocks to lower IQ.
The part is equipped with a cycle-to-cycle switch current limit, thermal shutdown, and short-circuit protection to protect
the system and the device itself.
Output-Voltage Selection
The MAX18000 has a unique single resistor output selection method where the resistor connected between RSEL and
GND is used to select different output voltages from 2.5V to 5.5V (nanoPower mode disabled for target VOUT > 5V) in
100mV steps as shown in Table 1. The advantages of using a single RSEL for output voltage selection are as follows:
• Lower cost and smaller size, since only one resistor is needed versus the two resistor strings needed in typical
feedback connections.
• No power loss through feedback resistors during operation, leading to higher efficiency.
• Allows customers to stock just one part in their inventory system and use it in multiple projects with different output
voltages just by changing a single standard 1% resistor.
Table 1. RSEL Selection Table
OUTPUT VOLTAGE (V)
RSEL (kΩ)**
2.5
768
2.6
634
2.7
536
2.8
452
2.9
383
3.0
324
3.1
267
3.2
226
3.3
191
3.4
162
3.5
133
3.6
113
3.7
95.3
3.8
80.6
3.9
66.5
4.0
56.2
4.1
47.5
4.2
40.2
4.3
34
4.4
28
4.5
23.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com