Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABL Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ABL
Description  Single/Double Bridge Gear Tooth And Encoder Sensors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ABL Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ABL Datasheet HTML 1Page - List of Unclassifed Manufacturers ABL Datasheet HTML 2Page - List of Unclassifed Manufacturers ABL Datasheet HTML 3Page - List of Unclassifed Manufacturers ABL Datasheet HTML 4Page - List of Unclassifed Manufacturers ABL Datasheet HTML 5Page - List of Unclassifed Manufacturers ABL Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ABL Sensors
RHOPOINT COMPONENTS
Tel: +44 (0) 870 608 1188 Fax: +44 (0) 870 241 2255
Web: www.rhopointcomponents.com Email: sales@rhopointcomponents.com
Specifications:
Property
Min
Typ
Max
Unit
Single Bridge Resistance
4K
5K
7K
Ohms
Input Voltage
<1
1
30
1
Volts
Operating Temperature Range
-50
+170
°C
Offset Voltage
-4
+4
mV/V
Linear Range
+/-5
+/-100
Oe
Linearity of Output
98
%
2
Hysteresis
2
%
2
Saturation of GMR Sensor Elements
-180
+180
Oe
3
Single Resistor Sensitivity
.04
%
∆R/Oe4
Max Output
80
mV/V
Temperature Coefficient of Resistance
+0.3
%/
°C
ESD
400
V
5
Notes:
1.
ABL Series sensors have a purely ratiometric output. They will operate with input voltages of
0.1V or lower. The output signal will scale proportionally with the input voltage. Maximum
voltage will be limited by the power dissipation allowable in the package and user installation.
See the package section for more details.
2.
Linearity and Hysteresis measured across linear operating range, unipolar operation.
3.
Application of a magnetic field in excess of this value will saturate the GMR sensor elements,
and no further output will be obtained. No damage occurs to the sensor elements when
saturated; NVE GMR sensors will not be damaged by any large magnetic field.
4.
Percent change in resistance with application of 1 Oersted of magnetic field; corresponds to an
8% change in resistance with 200 Oersteds of applied magnetic field (1 Oersted = 1 Gauss in
air, or 0.1 milli-Tesla).
5.
Pin to pin voltage, Human Body Model for ESD



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com