Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4911MM Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4911MM
Description  Stereo 40mW Low Noise Headphone Amplifier with Selectable Capacitive Coupled or OCL Output
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4911MM Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button LM4911MM Datasheet HTML 12Page - National Semiconductor (TI) LM4911MM Datasheet HTML 13Page - National Semiconductor (TI) LM4911MM Datasheet HTML 14Page - National Semiconductor (TI) LM4911MM Datasheet HTML 15Page - National Semiconductor (TI) LM4911MM Datasheet HTML 16Page - National Semiconductor (TI) LM4911MM Datasheet HTML 17Page - National Semiconductor (TI) LM4911MM Datasheet HTML 18Page - National Semiconductor (TI) LM4911MM Datasheet HTML 19Page - National Semiconductor (TI) LM4911MM Datasheet HTML 20Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
Application Information
AMPLIFIER CONFIGURATION EXPLANATION
As shown in Figure 1, the LM4911 has three operational
amplifiers internally. Two of the amplifier’s have externally
configurable gain while the other amplifier is internally fixed
at the bias point acting as a unity-gain buffer. The closed-
loop gain of the two configurable amplifiers is set by select-
ing the ratio of R
f to Ri. Consequently, the gain for each
channel of the IC is
A
VD = -(Rf /Ri)
By driving the loads through outputs V
oA and VoB with VoC
acting as a buffered bias voltage the LM4911 does not
require output coupling capacitors. The classical single-
ended amplifier configuration where one side of the load is
connected to ground requires large, expensive output cou-
pling capacitors.
A configuration such as the one used in the LM4911 has a
major advantage over single supply, single-ended amplifiers.
Since the outputs V
oA, VoB, and VoC are all biased at 1/2
V
DD, no net DC voltage exists across each load. This elimi-
nates the need for output coupling capacitors which are
required in a single-supply, single-ended amplifier configura-
tion. Without output coupling capacitors in a typical single-
supply, single-ended amplifier, the bias voltage is placed
across the load resulting in both increased internal IC power
dissipation and possible loudspeaker damage.
OUTPUT CAPACITOR vs. CAPACITOR COUPLED
The LM4911 is an stereo audio power amplifier capable of
operating in two distinct output modes: capacitor coupled
(C-CUPL) or output capacitor-less (OCL). The LM4911 may
be run in capacitor coupled mode by using a coupling ca-
pacitor on each single-ended output (V
oA and VoB) and
connecting V
oC to ground. This output coupling capacitor
blocks the half supply voltage to which the output amplifiers
are typically biased and couples the audio signal to the
headphones or other single-ended (SE) load. The signal
return to circuit ground is through the headphone jack’s
sleeve.
The LM4911 can also eliminate these output coupling ca-
pacitors by running in OCL mode. Unless shorted to ground,
VoC is internally configured to apply a 1⁄2 V
DD bias voltage to
a stereo headphone jack’s sleeve. This voltage matches the
bias voltage present on V
oA and VoB outputs that drive the
headphones. The headphones operate in a manner similar
to a bridge-tied load (BTL). Because the same DC voltage is
applied to both headphone speaker terminals this results in
no net DC current flow through the speaker. AC current flows
through a headphone speaker as an audio signal’s output
amplitude increases on the speaker’s terminal.
The headphone jack’s sleeve is not connected to circuit
ground when used in OCL mode. Using the headphone
output jack as a line-level output will place the LM4911’s 1⁄2
V
DD bias voltage on a plug’s sleeve connection. This pre-
sents no difficulty when the external equipment uses capaci-
tively coupled inputs. For the very small minority of equip-
ment that is DC coupled, the LM4911 monitors the current
supplied by the amplifier that drives the headphone jack’s
sleeve. If this current exceeds 500mA
PK, the amplifier is
shutdown, protecting the LM4911 and the external equip-
ment.
MODE SELECT DETAIL
The LM4911 may be set up to operate in one of two modes:
OCL and cap-coupled. The default state of the LM4911 at
power up is cap-coupled. During initial power up or return
from shutdown, the LM4911 must detect the correct mode of
operation (OCL or cap-coupled) by sensing the status of the
V
OC pin. When the bias voltage of the part ramps up to
60mV (as seen on the Bypass pin), an internal comparator
detects the status of V
OC; and at 80mV, latches that value in
place. Ramp up of the bias voltage will proceed at a different
rate from this point on depending upon operating mode. OCL
mode will ramp up about 11 times faster than cap-coupled.
Shutdown is not a valid command during this time period
(T
WU) and should not enabled to ensure a proper power on
reset (POR) signal. In addition, the slew rate of V
DD must be
greater than 2.5V/ms to ensure reliable POR. Recom-
mended power up timing is shown in Figure 5 along with
proper usage of Shutdown and Mute. The mode select cir-
cuit is suspended during C
B discharge time.
The circuit shown in Figure 4 presents an applications solu-
tion to the problem of using different supply voltages with
different turn-on times in a system with the LM4911. This
circuit shows the LM4911 with a 25-50k
Ω pull-up resistor
connected from the shutdown pin to V
DD. The shutdown pin
of the LM4911 is also being driven by an open drain output of
an external microcontroller on a separate supply. This circuit
ensures that shutdown is disabled when powering up the
LM4911 by either allowing shutdown to be high before the
LM4911 powers on (the microcontroller powers up first) or
allows shutdown to ramp up with V
DD (the LM4911 powers
up first). This will ensure the LM4911 powers up properly and
enters the correct mode of operation (cap-coupled or OCL).
www.national.com
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com