Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LVC11 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # LVC11
Description  Triple 3-input AND gate
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LVC11 Datasheet(HTML) 5 Page - NXP Semiconductors

  LVC11 Datasheet HTML 1Page - NXP Semiconductors LVC11 Datasheet HTML 2Page - NXP Semiconductors LVC11 Datasheet HTML 3Page - NXP Semiconductors LVC11 Datasheet HTML 4Page - NXP Semiconductors LVC11 Datasheet HTML 5Page - NXP Semiconductors LVC11 Datasheet HTML 6Page - NXP Semiconductors LVC11 Datasheet HTML 7Page - NXP Semiconductors LVC11 Datasheet HTML 8Page - NXP Semiconductors LVC11 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Philips Semiconductors
Product specification
74LVC11
Triple 3-input AND gate
1998 Apr 28
5
AC CHARACTERISTICS
GND = 0 V; tr = tf v 2.5 ns; CL = 50 pF; RL = 500W; Tamb = –40_C to +85_C
LIMITS
SYMBOL
PARAMETER
WAVEFORM
VCC = 3.3V ±0.3V
VCC = 2.7V
UNIT
MIN
TYP1
MAX
MIN
MAX
tPHL/tPLH
Propagation delay
nA, nB, nC to nY
1, 2
–
3.7
6.2
–
7.0
ns
NOTE:
1. These typical values are at VCC = 3.3V and Tamb = 25°C.
AC WAVEFORMS
VM = 1.5 V at VCC w 2.7 V
VM = 0.5 S VCC at VCC < 2.7 V
VOL and VOH are the typical output voltage drop that occur with the
output load.
SV00423
VM
nA, nB, nC INPUT
nY OUTPUT
VM
tPLH
tPHL
GND
Vl
VOL
VOH
Waveform 1. Input (nA, nB, nC) to
output (nY) propagation delays.
TEST CIRCUIT
SWITCH POSITION
PULSE
GENERATOR
RT
VI
D.U.T.
VO
CL
VCC
500
Ω
Open
GND
S1
VCC
VI
< 2.7V
VCC
TEST
S1
tPLH/tPHL
Open
2.7V
2.7–3.6V
50pF
500
Ω
2 * VCC
SV00903
Waveform 2.
Load circuitry for switching times.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com