Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APC77124 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # APC77124
Description  Integrated CPE Filter/Hybrid Solution VDSL/10BaseS for Infineon PEB 22810/11/12/22 Chipset
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

APC77124 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  APC77124 Datasheet HTML 1Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 • Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
©2003 Bel Fuse Inc. Specifications subject to change without notice. 07.17.03
Page 1
43�
.�
35�+�
/�
-�
0.05�
20�
.�
35�+�
/�
-�
0.05�
9.0�+�
/�
-�
0.05�
0.5�
T�
op�V�
iew�
S�
ide�V�
iew�
0.25�
E�
nd�V�
iew�
LINE�
Rx-�
Tx-�
AGND�
D�
evi�
c�
e�P�
ino�
ut�
NC�
Rx�+�
Tx+�
4.0�
P�
ad�La�
y�
ou�
t�
38�
.�
8�
15�
.�
8�
2.54�
R�
ecomm�
en�
de�
d�
H�
ole�S�
iz�
e�Ø1�
.�
0�
Integrated CPE Filter/Hybrid Solution VDSL/10BaseS
for Infineon PEB 22810/11/12/22 Chipset
APC77124
ELECTRICAL SPECIFICATIONS @ 25°C
MECHANICAL
NOTES:
*TRANSHYBRID LOSS THROUGH VDSL SPLITTER/HYBRID IS > 15dB MIN
PROVIDES 1500VRMS ISOLATION VOLTAGE. INCORPORATES XDSL CHOKE > 35dB MIN
TIP�
RING�
XFRMR�
HYBRID�
VDSL�
SPLITTER�
100ohm�
s�
RX�
RX�
R�
E�
C�
E�
I�
V�
E�
LP�
F�
TX�
TX�
T�
R�
A�
N�
S�
M�
I�
T�
H�
P�
F�
N/C�
AGND�
*POTS/ISDN�
APC77101�
V�
o�
i�
c�
e�
Eq�
u�
i�
p�
m�
e�
n�
t�
2�
7�
0�
o�
h�
m�
s�
4�
0�
o�
h�
m�
s�
*PLEASE REFER TO APC77101 DATASHEET FOR APPLICATION NOTES ON POTS/ISDNDIGITAL SPLITTER.
SCHEMATIC
Description
Passband
Frequency
Insertion
Loss max
Return
Loss min
Stopband Frequency
Attenuation
min
Impedance
*VDSL
Splitter/
Hybrid
900 kHz to 7.9 MHz
0.8 dB
10 dB
20 kHz to 250 kHz
50 dB
100 ohms
Receive LPF
900 kHz to 3.3 MHz
0.8 dB
12 dB
4.5 MHz to 7.9 MHz
35 dB
270 ohms
Transmit
HPF
4.0 MHz to 7.9 MHz
0.8 dB
10 dB
900 kHz to 3.3 MHz
15 dB
40 ohms
NOTES:
ALL TOLERANCES +/- 0.010
0.25
PIN
ALLOCATION
1
AGND
2
NC
3
Tx-
4
Tx+
5
Rx+
6
Rx-
7
LINE
8
LINE
APC77124


Similar Part No. - APC77124

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
APC77124RC BEL-APC77124RC Datasheet
98Kb / 1P
Integrated CPE Filter/Hybrid Solution VDSL/10BaseS for Infineon PEB 22810/11/12/22 Chipset
More results

Similar Description - APC77124

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0803-7700-02 BEL-0803-7700-02 Datasheet
1Mb / 2P
Integrated VDSL Filter/Hybrid Solution
APC77116 BEL-APC77116 Datasheet
99Kb / 1P
Integrated CPE VDSL Filter/Hybrid Solution - (Smartphone Applications)
APC77122 BEL-APC77122 Datasheet
98Kb / 1P
Integrated CO Filter/Hybrid Solution VDSL/10BaseS for Infineon PEB 22810/11/12/22 Chipset
APC77122RC BEL-APC77122RC Datasheet
98Kb / 1P
Integrated CO Filter/Hybrid Solution VDSL/10BaseS for Infineon PEB 22810/11/12/22 Chipset
APC77124RC BEL-APC77124RC Datasheet
98Kb / 1P
Integrated CPE Filter/Hybrid Solution VDSL/10BaseS for Infineon PEB 22810/11/12/22 Chipset
APC77162 BEL-APC77162 Datasheet
89Kb / 1P
Integrated CO Filter/Hybrid Solution VDSL / 10BaseS for Infineon PEB 22810/11/12/22 Chipset
APC77163 BEL-APC77163 Datasheet
89Kb / 1P
Integrated CPE Filter/Hybrid Solution VDSL / 10BaseS for Infineon PEB 22810/11/12/22 Chipset
logo
XFMRS Inc.
XF4069 XFMRS-XF4069 Datasheet
73Kb / 1P
VDSL FILTER/HYBRID SOLUTION
XF4068 XFMRS-XF4068_15 Datasheet
72Kb / 1P
VDSL FILTER / HYBRID SOLUTION
XF4069 XFMRS-XF4069_15 Datasheet
73Kb / 1P
VDSL FILTER / HYBRID SOLUTION
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com