Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M25P20-VMP6G/X Datasheet(PDF) 15 Page - STMicroelectronics

Part # M25P20-VMP6G/X
Description  2 Mbit, Low Voltage, Serial Flash Memory With 40MHz SPI Bus Interface
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M25P20-VMP6G/X Datasheet(HTML) 15 Page - STMicroelectronics

Back Button M25P20-VMP6G/X Datasheet HTML 11Page - STMicroelectronics M25P20-VMP6G/X Datasheet HTML 12Page - STMicroelectronics M25P20-VMP6G/X Datasheet HTML 13Page - STMicroelectronics M25P20-VMP6G/X Datasheet HTML 14Page - STMicroelectronics M25P20-VMP6G/X Datasheet HTML 15Page - STMicroelectronics M25P20-VMP6G/X Datasheet HTML 16Page - STMicroelectronics M25P20-VMP6G/X Datasheet HTML 17Page - STMicroelectronics M25P20-VMP6G/X Datasheet HTML 18Page - STMicroelectronics M25P20-VMP6G/X Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 50 page
background image
M25P20
Memory organization
15/50
5
Memory organization
The memory is organized as:
●
262,144 bytes (8 bits each)
●
4 sectors (512 Kbits, 65536 bytes each)
●
1024 pages (256 bytes each).
Each page can be individually programmed (bits are programmed from 1 to 0). The device is
Sector or Bulk Erasable (bits are erased from 0 to 1) but not Page Erasable.
Figure 6.
Block Diagram
Table 3.
Memory Organization
Sector
Address Range
3
30000h
3FFFFh
2
20000h
2FFFFh
1
10000h
1FFFFh
0
00000h
0FFFFh
AI04079
HOLD
S
W
Control Logic
High Voltage
Generator
I/O Shift Register
Address Register
and Counter
256 Byte
Data Buffer
256 Bytes (Page Size)
X Decoder
C
D
Q
Status
Register
00000h
10000h
20000h
30000h
3FFFFh
000FFh
Size of the
read-only
memory area



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com