Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M25P20-VMP1G/X Datasheet(PDF) 39 Page - STMicroelectronics

Part # M25P20-VMP1G/X
Description  2 Mbit, Low Voltage, Serial Flash Memory With 40MHz SPI Bus Interface
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M25P20-VMP1G/X Datasheet(HTML) 39 Page - STMicroelectronics

Back Button M25P20-VMP1G/X Datasheet HTML 35Page - STMicroelectronics M25P20-VMP1G/X Datasheet HTML 36Page - STMicroelectronics M25P20-VMP1G/X Datasheet HTML 37Page - STMicroelectronics M25P20-VMP1G/X Datasheet HTML 38Page - STMicroelectronics M25P20-VMP1G/X Datasheet HTML 39Page - STMicroelectronics M25P20-VMP1G/X Datasheet HTML 40Page - STMicroelectronics M25P20-VMP1G/X Datasheet HTML 41Page - STMicroelectronics M25P20-VMP1G/X Datasheet HTML 42Page - STMicroelectronics M25P20-VMP1G/X Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 50 page
background image
M25P20
DC and AC parameters
39/50
1.
Output Hi-Z is defined as the point where data out is no longer driven.
Figure 21.
AC Measurement I/O Waveform
Table 16.
Instruction Times (Device Grade 3)
Test conditions specified in
Table 10 and Table 17
Symbol
Alt.
Parameter
Min.
Typ(1) (2)
1.
At 85°C
2.
Preliminary data.
Max(2)
Unit
tW
Write Status Register Cycle Time
8
15
ms
tPP
(3)
3.
When using the Page Program (PP) instruction to program consecutive Bytes, optimized timings are
obtained with one sequence including all the Bytes versus several sequences of only a few Bytes. (1
≤n ≤
256)
Page Program Cycle Time (256 Bytes)
1.5
5ms
Page Program Cycle Time (n Bytes)
0.4+
n*1.1/256
tSE
Sector Erase Cycle Time
1
3
s
tBE
Bulk Erase Cycle Time
2.8
6
s
Table 17.
AC Measurement Conditions
Symbol
Parameter
Min.
Max.
Unit
CL
Load Capacitance
30
pF
Input Rise and Fall Times
5
ns
Input Pulse Voltages
0.2VCC to 0.8VCC
V
Input Timing Reference Voltages
0.3VCC to 0.7VCC
V
Output Timing Reference Voltages
VCC / 2
V
AI07455
0.8VCC
0.2VCC
0.7VCC
0.3VCC
Input and Output
Timing Reference Levels
Input Levels
0.5VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com