Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC1623A Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 2SC1623A
Description  NPN SILICON EPITAXIAL TRANSISTOR MINI MOLD
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC1623A Datasheet(HTML) 4 Page - Renesas Technology Corp

  2SC1623A Datasheet HTML 1Page - Renesas Technology Corp 2SC1623A Datasheet HTML 2Page - Renesas Technology Corp 2SC1623A Datasheet HTML 3Page - Renesas Technology Corp 2SC1623A Datasheet HTML 4Page - Renesas Technology Corp 2SC1623A Datasheet HTML 5Page - Renesas Technology Corp 2SC1623A Datasheet HTML 6Page - Renesas Technology Corp 2SC1623A Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Data Sheet D17841EJ2V0DS
2
2SC1623A
TYPICAL CHARACTERISTICS (TA = 25°C)
Free air
200
180
160
140
120
100
80
60
40
20
0
–20 0
20
40
60
80 100 120 140 160 180
TA - Ambient Temperature - ˚C
TOTAL POWER DISSIPATION vs.
AMBIENT TEMPERATURE
100
80
60
40
20
0
VCE - Collector to Emitter Voltage - V
COLLECTOR CURRENT vs.
COLLECTOR TO EMITTER VOLTAGE
0
0.4
0.8
1.2
1.6
2.0
1.0
0.9
0.8
0.7
0.3
0.2
IB = 0.1 mA
0.6
0.5
0.4
45
40
30
20
25
15
10
10
8
6
4
2
0
0
1020304050
0
VCE - Collector to Emitter Voltage - V
COLLECTOR CURRENT vs.
COLLECTOR TO EMITTER VOLTAGE
IC - Collector Current - mA
DC CURRENT GAIN vs.
COLLECTOR CURRENT
IC - Collector Current - mA
DC CURRENT GAIN vs.
COLLECTOR CURRENT
VCE = 6.0 V
Pulsed
–25˚C
25˚C
TA = 75˚C
0
IB = 5.0 A
35
VCE = 6.0 V
1.0 V
0.5 V
0.2
0.5 1.0 2.0
5.0 10
20
50 100
0.1 0.2
0.5 1.0 2.0
5.0 10
20
50 100
1000
500
300
100
50
30
10
5
3
0.1
1000
500
300
100
50
30
10
5
3
μ
<R>



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com