Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2690 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 2SC2690
Description  SILICON POWER TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC2690 Datasheet(HTML) 3 Page - Renesas Technology Corp

  2SC2690 Datasheet HTML 1Page - Renesas Technology Corp 2SC2690 Datasheet HTML 2Page - Renesas Technology Corp 2SC2690 Datasheet HTML 3Page - Renesas Technology Corp 2SC2690 Datasheet HTML 4Page - Renesas Technology Corp 2SC2690 Datasheet HTML 5Page - Renesas Technology Corp 2SC2690 Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics
sales representative for availability and additional information.
SILICON POWER TRANSISTOR
2SC2690,2690A
NPN SILICON EPITAXIAL TRANSISTOR
FOR LOW/HIGH FREQUENCY POWER AMPLIFICATION
DATA SHEET
Document No. D17501EJ2V0DS00 (2nd edition)
(Previous No. TC-3586)
Date Published March 2005 NS CP(K)
Printed in Japan
1984
The mark
shows major revised points.
DESCRIPTION
These products are general purpose transistors designed for use
in audio and radio frequency power amplifiers.
FEATURES
• Suitable for use in driver stage of 50 to 100 W audio amplifiers
and output stage of TV vertical deflection circuit.
• High voltage and high fT
VCEO = 120 V (2SC2690) / 160 V (2SC2690A)
fT = 175 MHz (VCE = 5.0 V, IC = 0.2 A)
• Complementary to the 2SA1220 and 2SA1220A PNP transistors.
ORDERING INFORMATION
PART NUMBER
PACKAGE
2SC2690
TO-126 (MP-5)
2SC2690-AZ
Note
TO-126 (MP-5)
2SC2690A
TO-126 (MP-5)
2SC2690A-AZ
Note
TO-126 (MP-5)
Note Pb-free (This product does not contain Pb in external electrode.)
ABSOLUTE MAXIMUM RATINGS (TA = 25°C)
2SA2690
2SA2690A
Collector to Base Voltage
VCBO
120
160
V
Collector to Emitter Voltage
VCEO
120
160
V
Emitter to Base Voltage
VEBO
5.0
V
Collector Current (DC)
IC(DC)
1.2
A
Collector Current (pulse)
Note
IC(pulse)
2.5
A
Base Current (DC)
IB(DC)
0.3
A
Total Power Dissipation (TA = 25°C)
PT
1.2
W
Total Power Dissipation (TC = 25°C)
PT
20
W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
−55 to +150
°C
Note PW
≤ 10 ms, Duty Cycle ≤ 50%
PACKAGE DRAWING (Unit: mm)
8.5 MAX.
3.2 ±0.2
12 TYP.
2.3 TYP.
2.3 TYP.
1.2 TYP.
0.55
2.8 MAX.
0.8
+0.08
–0.05
+0.08
–0.05
12
3
1. Emitter
2. Collector
3. Base



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com