Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2885 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 2SC2885
Description  SILICON POWER TRANSISTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC2885 Datasheet(HTML) 3 Page - Renesas Technology Corp

  2SC2885 Datasheet HTML 1Page - Renesas Technology Corp 2SC2885 Datasheet HTML 2Page - Renesas Technology Corp 2SC2885 Datasheet HTML 3Page - Renesas Technology Corp 2SC2885 Datasheet HTML 4Page - Renesas Technology Corp 2SC2885 Datasheet HTML 5Page - Renesas Technology Corp 2SC2885 Datasheet HTML 6Page - Renesas Technology Corp 2SC2885 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics
sales representative for availability and additional information.
NPN SILICON EPITAXIAL TRANSISTOR
FOR HIGH-VOLTAGE HIGH-SPEED SWITCHING
DATA SHEET
Document No. D16135EJ3V0DS00 (3rd edition)
Date Published July 2006 NS CP(K)
Printed in Japan
2002
The mark <R> shows major revised points.
The revised points can be easily searched by copying an "<R>" in the PDF file and specifying it in the "Find what:" field.
SILICON POWER TRANSISTOR
2SC2885, 2946, 2946(1)
The 2SC2885, 2946, and 2946(1) are high-voltage high-speed switching power transistors featuring a small package (MP-3)
which is suitable for high-density mounting. These transistors are ideal for drivers in DC/DC converters and switching
regulators.
There are three types of transistors selectable according to the reliability requirments: 2SC2946 and 2946(1) for industrial
use, 2SC2885 for general use. The 2SC2946(1) is produced with leads so as to enable mounting directly in a hybrid IC.
ABSOLUTE MAXIMUM RATINGS (TA = 25
°C)
Collector to Base Voltage
VCBO
330
V
Collector to Emitter Voltage
VCEO
200
V
Emitter to Base Voltage
VEBO
7.0
V
Collector Current (DC)
IC(DC)
2.0
A
Collector Current (pulse)
Note
IC(pulse)
4.0
A
Base Current (DC)
IC(DC)
1.0
A
Total Power Dissipation
PT(TC = 25
°C)
15
W
Total Power Dissipation
PT(TA = 25
°C)
600
mW
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
−55 to +150
°C
Note PW
≤ 300
μs, Duty Cycle ≤ 10%



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com