Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3604 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # 2SC3604
Description  SILICON TRANSISTOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC3604 Datasheet(HTML) 5 Page - Renesas Technology Corp

  2SC3604 Datasheet HTML 1Page - Renesas Technology Corp 2SC3604 Datasheet HTML 2Page - Renesas Technology Corp 2SC3604 Datasheet HTML 3Page - Renesas Technology Corp 2SC3604 Datasheet HTML 4Page - Renesas Technology Corp 2SC3604 Datasheet HTML 5Page - Renesas Technology Corp 2SC3604 Datasheet HTML 6Page - Renesas Technology Corp 2SC3604 Datasheet HTML 7Page - Renesas Technology Corp 2SC3604 Datasheet HTML 8Page - Renesas Technology Corp 2SC3604 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
3
2SC3604
S PARAMETER
VCE = 6 V, IC = 10 mA, ZO = 50
Ω
f (MHz)
|S11|
∠S11
|S21|
∠S21
|S12|
∠S12
|S22|
∠S22
500
.463
-125.3
13.822
106.8
.027
37.9
.516
-36.6
1000
.432
-162.7
7.901
86.2
.0424
48.2
.463
-40.7
1500
.416
178.7
5.250
71.1
.0606
53.1
.421
-46.2
2000
.439
165.0
3.949
59.7
.0758
52.0
.396
-50.9
2500
.451
153.6
3.151
51.7
.097
49.3
.372
-56.5
3000
.470
143.6
2.809
39.6
.111
45.1
.345
-63.7
3500
.482
135.2
2.337
28.6
.124
39.5
.320
-73.2
4000
.494
129.1
2.022
21.3
.132
35.5
.321
-82.0
INSERTION GAIN vs.
COLLECTOR CURRENT
NOISE FIGURE vs. COLLECTOR CURRENT
GAIN BANDWIDTH PRODUCT vs.
COLLECTOR CURRENT
15
6
5
4
3
2
1
2
5
10
20
50
10
5
30
20
10
7
5
3
2
0
0.5
1
12
3
5
7
10
20
30
5
IC - Collector Current - mA
IC - Collector Current - mA
IC - Collector Current - mA
10
50 70
VCE = 8 V
f = 2 GHz
VCE = 8 V
VCE = 8 V
f = 2 GHz
3 GHz
4 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com