Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4176 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 2SC4176
Description  SILICON TRANSISTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC4176 Datasheet(HTML) 3 Page - Renesas Technology Corp

  2SC4176 Datasheet HTML 1Page - Renesas Technology Corp 2SC4176 Datasheet HTML 2Page - Renesas Technology Corp 2SC4176 Datasheet HTML 3Page - Renesas Technology Corp 2SC4176 Datasheet HTML 4Page - Renesas Technology Corp 2SC4176 Datasheet HTML 5Page - Renesas Technology Corp 2SC4176 Datasheet HTML 6Page - Renesas Technology Corp 2SC4176 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics
sales representative for availability and additional information.
SILICON TRANSISTOR
2SC4176
HIGH SPEED SWITCHING
NPN SILICON EPITAXIAL TRANSISTOR
DATA SHEET
Document No. D19099EJ2V0DS00 (2nd edition)
(Previous No. TC-2104)
Date Published January 2008 NS
Printed in Japan
1987, 2008
The mark <R> shows major revised points.
The revised points can be easily searched by copying an "<R>" in the PDF file and specifying it in the "Find what:" field.
FEATURES
• High-speed switching
• Low collector saturation voltage
• High gain bandwidth product
• Low collector capacitance
• Can be used complementary to the 2SA1610.
• Small Package: 3-pin Super Small Package (SC-70)
ABSOLUTE MAXIMUM RATINGS (Ta = 25
°C)
Collector to Base Voltage
VCBO
40
V
Collector to Emitter Voltage
VCES
40
V
VCEO
15
V
Emitter to Base Voltage
VEBO
5.0
V
Collector Current
IC
200
mA
Total Power Dissipation
PT
150
mW
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
−55 to +150
°C
ELECTRICAL CHRACTERISTICS (Ta = 25
°C)
CHARACTERISTIC
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Collector Cut-off Current
ICBO
VCB = 20 V, IE = 0 A
0.1
μA
Emitter Cut-off Current
IEBO
VEB = 3.0 V, IC = 0 A
0.1
μA
DC Current Gain
hFE
VCE = 1.0 V, IC = 10 mA
40
90
200
Collector Saturation Voltage
VCE(sat)
IC = 10 mA, IB = 1.0 mA
0.15
0.25
V
Base Saturation Voltage
VBE(sat)
IC = 10 mA, IB = 1.0 mA
0.80
0.85
V
Gain Bandwidth Product
fT
VCE = 10 V, IE =
−10 mA
500
750
MHz
Collector Capacitance
Cob
VCB = 5.0 V, IE = 0 A, f = 1.0 MHz
1.8
4.0
pF
Turn-on Time
ton
8.0
12
ns
Storage Time
tstg
6.0
13
ns
Turn-off Time
toff
(When tstg, IB1 =
−IB2 = 10 mA)
See Test Circuits
12
18
ns
hFE Classification
Marking
B33
B34
B35
hFE
40 to 80
60 to 120
100 to 200
PACKAGE DRAWING (Unit: mm)
2.1±0.1
1.25±0.1
2
1
3
Marking
1. Emitter
2. Base
3. Collector
<R>



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com