Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APC77155 Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # APC77155
Description  VDSL Hybrid Module
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

APC77155 Datasheet(HTML) 2 Page - Bel Fuse Inc.

  APC77155 Datasheet HTML 1Page - Bel Fuse Inc. APC77155 Datasheet HTML 2Page - Bel Fuse Inc. APC77155 Datasheet HTML 3Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 • Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
©2003 Bel Fuse Inc. Specifications subject to change without notice. 05.20.03
Page 2
0.25
Side View
Recommended PCB Layout
38.0
2.4
0.5
20.0
1
Top View
End View
12.0 MAX
SKYLINE
5.08 IN
3 PLACES
3.0
1.2
2.54 IN 6
PLACES
1
38.5
41.5
40.5
MECHANICAL
FREQUENCY ALLOCATION
VDSL Hybrid Module
APC77155
Pin No.
Signal
1
DACP
2
DACN
3
0V
4
AGC_CTRL
5
+12V
6
ADCP
7
ADCN
8
N/C
9
RING
10
TIP
11
N/C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com