Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4332 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # 2SC4332
Description  SILICON POWER TRANSISTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC4332 Datasheet(HTML) 5 Page - Renesas Technology Corp

  2SC4332 Datasheet HTML 1Page - Renesas Technology Corp 2SC4332 Datasheet HTML 2Page - Renesas Technology Corp 2SC4332 Datasheet HTML 3Page - Renesas Technology Corp 2SC4332 Datasheet HTML 4Page - Renesas Technology Corp 2SC4332 Datasheet HTML 5Page - Renesas Technology Corp 2SC4332 Datasheet HTML 6Page - Renesas Technology Corp 2SC4332 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Data Sheet D16430EJ3V0DS
3
2SC4332,4332-Z
TYPICAL CHARACTERISTICS (TA = 25°C)
TOTAL POWER DISSIPATION vs.
CASE TEMPERATURE
DERATING CURVE OF
SAFE OPERATING AREA
0
3
6
9
12
15
18
0
25
50
75
100
125
150
175
Case Temperature TC (
°C)
Case Temperature TC (
°C)
FORWARD BIAS SAFE OPERATING AREA
TRANSIENT THERMAL RESISTANCE vs.
PULSE WIDTH
0.1
1
10
100
1
10
100
TC = 25
°C
Single pulse
IC (pluse)
IC (DC)
Pow
er D
issip
atio
n Lim
ited
DC
Collector to Emitter Voltage VCE (V)
0.1
1
10
100
1000
Rth(j-a) = 125
°C/W
Rth(j-c) = 8.33
°C/W
TC = 25
°C
Single pulse
Pulse Width PW (s)
COLLECTOR CURRENT vs.
COLLECTOR TO EMITTER VOLTAGE
DC CURRENT GAIN vs. COLLECTOR CURRENT
Collector to Emitter Voltage VCE (V)
Collector Current IC (A)
1m 10m 100m
1
10
100 1000 10000



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com