Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4568 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 2SC4568
Description  SILICON TRANSISTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC4568 Datasheet(HTML) 4 Page - Renesas Technology Corp

  2SC4568 Datasheet HTML 1Page - Renesas Technology Corp 2SC4568 Datasheet HTML 2Page - Renesas Technology Corp 2SC4568 Datasheet HTML 3Page - Renesas Technology Corp 2SC4568 Datasheet HTML 4Page - Renesas Technology Corp 2SC4568 Datasheet HTML 5Page - Renesas Technology Corp 2SC4568 Datasheet HTML 6Page - Renesas Technology Corp 2SC4568 Datasheet HTML 7Page - Renesas Technology Corp 2SC4568 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Data Sheet PU10035EJ01V0DS
2
2SC4568
TYPICAL CHARACTERISTICS (TA = 25
°°°°C)
10
20
50
100
200
15
210
20
50
0.5
IC-Collector Current-mA
DC CURRENT GAIN vs.
COLLECTOR CURRENT
VCE = 5 V
0
2
4
6
8
1
5
10
100
0.5
IC-Collector Current-mA
3 V
GAIN BANDWIDTH PRODUCT vs.
COLLECTOR CURRENT
f = 1 GHz
0.1
0.3
0.5
0.7
1.0
2.0
15
7
10
20
3
VCB-Collector to Base Voltage-V
OUTPUT CAPACITANCE vs.
COLLECTOR TO BASE VOLTAGE
VCE = 5 V
250



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com