Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4569 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 2SC4569
Description  SILICON TRANSISTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC4569 Datasheet(HTML) 3 Page - Renesas Technology Corp

  2SC4569 Datasheet HTML 1Page - Renesas Technology Corp 2SC4569 Datasheet HTML 2Page - Renesas Technology Corp 2SC4569 Datasheet HTML 3Page - Renesas Technology Corp 2SC4569 Datasheet HTML 4Page - Renesas Technology Corp 2SC4569 Datasheet HTML 5Page - Renesas Technology Corp 2SC4569 Datasheet HTML 6Page - Renesas Technology Corp 2SC4569 Datasheet HTML 7Page - Renesas Technology Corp 2SC4569 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
SILICON TRANSISTOR
2SC4569
UHF TV TUNER OSC/MIXER
NPN SILICON EPITAXIAL TRANSISTOR
DATA SHEET
Document No. PU10036EJ01V0DS (1st edition)
(Previous No. P10374EJ3V1DS00)
Date Published October 2001 CP(K)
Printed in Japan
 NEC Corporation 1989
 NEC Compound Semiconductor Devices 2001
The mark
shows major revised points.
The information in this document is subject to change without notice. Before using this document, please confirm that
this is the latest version.
Not all devices/types available in every country. Please check with local NEC Compound Semiconductor Devices
representative for availability and additional information.
DESCRIPTION
The 2SC4569 is an NPN silicon epitaxial transistro intended for use as
UHF oscillator and UHF mixer in a tuner of TV receiver.
FEATURES
• High gain bandwidty product
fT = 5.0 GHz TYP.
• Low output capacitance
Cob = 0.9 pF TYP.
• Surface mount package
EIAJ: SC-59
ABSOLUTE MAXIMUM RATINGS (TA = 25
°°°°C)
Maximum Voltages and Current
Collector to Base Voltage
VCBO
20
V
Collector to Emitter Voltage
VCEO
12
V
Emitter to Base Voltage
VEBO
3.0
V
Collector Current
IC
60
mA
Total Power Dissipation
PT
150
mW
Junction Temperature
Tj
125
°C
Storage Temperature
Tstg
−55 to +125
°C
ELECTRICAL CHARACTERISTICS (TA = 25
°°°°C)
CHARACTERISTIC
SYMBOL
MIN.
TYP.
MAX.
UNIT
TEST CONDITIONS
Collector Cutoff Current
ICBO
0.1
µAVCB = 15 V, IE = 0
Emitter Cutoff Current
IEBO
0.1
µAVEB = 1 V, IC = 0
Collector Saturation Voltage
VCE(sat)
0.5
V
hEF = 10, IC = 5 mA
DC Current Gain
hFE
40
100
200
VCE = 5 V, IC = 5 mA *1
Gain Bandwidth Product
fT
5.0
GHz
VCE = 5 V, IC = 5 mA f = 1.0 GHz
Output Capacitance
Cob
0.9
1.2
pF
VCB = 5 V, IE = 0, f = 1.0 MHz
Insertion Gain
S21e
2
5.0
dB
VCE = 5 V, IC = 5 mA, f = 1.0 MHz
*1 Pulsd: PW
≤ 35
µS, Dyty Cycle ≤ 2 %
hFE Classification
Class
T75/EB *
T76/FB *
T77/GB *
Marking
T75
T76
T77
hFE
40 to 80
60 to 120
100 to 200
* Old Specification / New Specification
PACKAGE DIMENSIONS
(Units: mm)
1.5
2
1
3
Marking
PIN CONNECTIONS
1.
2.
3.
Emitter
Base
Collector
2.8±0.2
0.65
+0.1
−0.15



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com