Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4885 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 2SC4885
Description  SILICON TRANSISTOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC4885 Datasheet(HTML) 4 Page - Renesas Technology Corp

  2SC4885 Datasheet HTML 1Page - Renesas Technology Corp 2SC4885 Datasheet HTML 2Page - Renesas Technology Corp 2SC4885 Datasheet HTML 3Page - Renesas Technology Corp 2SC4885 Datasheet HTML 4Page - Renesas Technology Corp 2SC4885 Datasheet HTML 5Page - Renesas Technology Corp 2SC4885 Datasheet HTML 6Page - Renesas Technology Corp 2SC4885 Datasheet HTML 7Page - Renesas Technology Corp 2SC4885 Datasheet HTML 8Page - Renesas Technology Corp 2SC4885 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
2
2SC4885
TYPICAL CHARACTERISTICS (TA = 25
C)
TA-Ambient Temperature-
°C
TOTAL POWER DISSIPATION vs.
AMBIENT TEMPERATURE
Free Air
100
50
150
200
100
0
VCE-Collector to Emitter Voltage-V
COLLECTOR CURRENT vs.
COLLECTOR TO EMITTER VOLTAGE
510
15
25
20
15
10
5
0
120 mW
VCB-Collector to Base Voltage-V
OUTPUT CAPACITANCE vs.
COLLECTOR TO BASE VOLTAGE
f = 1 MHz
10
1
0.1
100
2
1
0
IC-Collector Current-mA
DC CURRENT GAIN vs.
COLLECTOR CURRENT
VCE = 5 V
1.0
0.1
10
100
150
100
50
200
180
160
140
120
100
80
60
40
20 A
µ
IC-Collector Current-mA
NOISE FIGURE vs.
COLLECTOR CURRENT
VCE = 5 V
f = 1 GHz
10
1
0.1
100
5
4
1
2
3
0
IC-Collector Current-mA
GAIN BANDWIDTH PRODUCT vs.
COLLECTOR CURRENT
VCE = 5 V
1
10
100
6
4
2
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com