Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP36NF06 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP36NF06
Description  N-channel 60V - 0.032 - 30A - TO-220/TO-220FP STripFET II Power MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP36NF06 Datasheet(HTML) 1 Page - STMicroelectronics

  STP36NF06 Datasheet HTML 1Page - STMicroelectronics STP36NF06 Datasheet HTML 2Page - STMicroelectronics STP36NF06 Datasheet HTML 3Page - STMicroelectronics STP36NF06 Datasheet HTML 4Page - STMicroelectronics STP36NF06 Datasheet HTML 5Page - STMicroelectronics STP36NF06 Datasheet HTML 6Page - STMicroelectronics STP36NF06 Datasheet HTML 7Page - STMicroelectronics STP36NF06 Datasheet HTML 8Page - STMicroelectronics STP36NF06 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/9
October 2003
STP36NF06
STP36NF06FP
N-CHANNEL 60V - 0.032
Ω - 30A TO-220/TO-220FP
STripFET™ II POWER MOSFET
s
TYPICAL RDS(on) = 0.032 Ω
s
EXCEPTIONAL dv/dt CAPABILITY
s
100% AVALANCHE TESTED
s
APPLICATION ORIENTED
CHARACTERIZATION
DESCRIPTION
This Power MOSFET is the latest development of
STMicroelectronis unique "Single Feature Size™"
strip-based
process.
The
resulting
transistor
shows extremely high packing density for low on-
resistance, rugged avalanche characteristics and
less
critical
alignment
steps
therefore
a
remarkable manufacturing reproducibility.
APPLICATIONS
s
HIGH CURRENT, HIGH SWITCHING SPEED
TYPE
VDSS
RDS(on)
ID
STP36NF06
STP36NF06FP
60 V
60 V
<0.040
Ω
<0.040
Ω
30 A
18 A(*)
1
2
3
1
2
3
TO-220
TO-220FP
Ordering Information
ABSOLUTE MAXIMUM RATINGS
(
•) Pulse width limited by safe operating area.
(*) Current Limited by Package
(1) ISD ≤36A, di/dt ≤400A/µs, VDD ≤ V(BR)DSS, Tj ≤ TJMAX
(2) Starting Tj = 25 oC, ID = 18 A, VDD = 45V
SALES TYPE
MARKING
PACKAGE
PACKAGING
STP36NF06
STP36NF06
TO-220
TUBE
STP36NF06FP
STP36NF06FP
TO-220FP
TUBE
Symbol
Parameter
Value
Unit
STP36NF06
STP36NF06FP
VDS
Drain-source Voltage (VGS = 0)
60
V
VDGR
Drain-gate Voltage (RGS = 20 kΩ)
60
V
VGS
Gate- source Voltage
± 20
V
ID
Drain Current (continuous) at TC = 25°C
30
18(*)
A
ID
Drain Current (continuous) at TC = 100°C
21
12
A
IDM(•)
Drain Current (pulsed)
120
72
A
Ptot
Total Dissipation at TC = 25°C
70
25
W
Derating Factor
0.47
0.17
W/°C
dv/dt (1)
Peak Diode Recovery voltage slope
20
V/ns
EAS (2)
Single Pulse Avalanche Energy
200
mJ
Tstg
Storage Temperature
-55 to 175
°C
Tj
Max. Operating Junction Temperature
INTERNAL SCHEMATIC DIAGRAM


Similar Part No. - STP36NF06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP36NF06 STMICROELECTRONICS-STP36NF06 Datasheet
336Kb / 14P
N-channel 60V - 0.032 - 30A - TO-220/TO-220FP STripFET II Power MOSFET
21-Feb-2007
logo
VBsemi Electronics Co.,...
STP36NF06 VBSEMI-STP36NF06 Datasheet
1Mb / 9P
N-Channel 60 V (D-S) MOSFET
logo
Inchange Semiconductor ...
STP36NF06 ISC-STP36NF06 Datasheet
371Kb / 2P
isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STP36NF06FP STMICROELECTRONICS-STP36NF06FP Datasheet
336Kb / 14P
N-channel 60V - 0.032 - 30A - TO-220/TO-220FP STripFET II Power MOSFET
21-Feb-2007
logo
Inchange Semiconductor ...
STP36NF06FP ISC-STP36NF06FP Datasheet
318Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STP36NF06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP16NF06 STMICROELECTRONICS-STP16NF06 Datasheet
367Kb / 9P
N-CHANNEL 60V - 0.08 ohm - 16A TO-220/TO-220FP STripFET™ II POWER MOSFET
Apr-2002
STP16NF06L STMICROELECTRONICS-STP16NF06L Datasheet
337Kb / 9P
N-CHANNEL 60V - 0.07 ohm - 16A TO-220/TO-220FP STripFET™ II POWER MOSFET
Aug-2002
STP30NE06 STMICROELECTRONICS-STP30NE06 Datasheet
48Kb / 6P
N - CHANNEL 60V - 0.042 ohm - 30A - TO-220/TO-220FP STripFET POWER MOSFET
Jan-1999
STP30NE06L STMICROELECTRONICS-STP30NE06L Datasheet
105Kb / 9P
N - CHANNEL 60V - 0.035 ohm - 30A - TO-220/TO-220FP STripFET POWER MOSFET
Mar-1999
STP60NE06L-16 STMICROELECTRONICS-STP60NE06L-16 Datasheet
106Kb / 9P
N - CHANNEL 60V - 0.014ohm - 60A TO-220/TO-220FP STripFET POWER MOSFET
May-2000
STP20NF06 STMICROELECTRONICS-STP20NF06 Datasheet
275Kb / 10P
N-CHANNEL 60V - 0.06ohm - 20A TO-220/TO-220FP STripFET II POWER MOSFET
07-Nov-2004
STP16NF06 STMICROELECTRONICS-STP16NF06_07 Datasheet
325Kb / 14P
N-channel 60V - 0.08Ω - 16A - TO-220/TO-220FP STripFET™II Power MOSFET
20-Feb-2007
STP36NF06 STMICROELECTRONICS-STP36NF06_07 Datasheet
336Kb / 14P
N-channel 60V - 0.032 - 30A - TO-220/TO-220FP STripFET II Power MOSFET
21-Feb-2007
STP20NF06 STMICROELECTRONICS-STP20NF06_07 Datasheet
341Kb / 14P
N-channel 60V - 0.06 - 20A - TO-220/TO-220FP STripFET II Power MOSFET
30-May-2007
STP60NF06FP STMICROELECTRONICS-STP60NF06FP_V01 Datasheet
275Kb / 12P
N-channel 60V - 0.014Ω - 30A TO-220FP STripFET II™ Power MOSFET
14-Mar-2007
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com