Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV8162 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STV8162
Description  5 V, 5 V and 8 V Triple-Voltage Regulator with Disable and Reset Functions
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV8162 Datasheet(HTML) 4 Page - STMicroelectronics

  STV8162 Datasheet HTML 1Page - STMicroelectronics STV8162 Datasheet HTML 2Page - STMicroelectronics STV8162 Datasheet HTML 3Page - STMicroelectronics STV8162 Datasheet HTML 4Page - STMicroelectronics STV8162 Datasheet HTML 5Page - STMicroelectronics STV8162 Datasheet HTML 6Page - STMicroelectronics STV8162 Datasheet HTML 7Page - STMicroelectronics STV8162 Datasheet HTML 8Page - STMicroelectronics STV8162 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Electrical Characteristics
STV8162 - STV8162D
4/12
VIO1
Dropout Voltage
IOUT1 = 0.6 A
11.4
V
VIO2
Dropout Voltage
IOUT2 = 0.6 A
11.4
V
VIO3
Dropout Voltage
IOUT3 = 0.6 A
11.4
V
VOUT1LI
Line Regulation
7 V < VIN1 < 12 V,
IOUT1 = 200 mA
50
mV
VOUT2LI
Line Regulation
7 V < VIN2 < 12 V,
IOUT2 = 200 mA
50
mV
VOUT3LI
Line Regulation
10 V < VIN3 < 15 V,
IOUT3 = 200 mA
80
mV
VOUT1LO
Load Regulation
5 mA < IOUT1 < 600 mA
100
mV
VOUT2LO
Load Regulation
5 mA < IOUT2 < 600 mA
100
mV
VOUT3LO
Load Regulation
5 mA < IOUT3 < 600 mA
160
mV
IQ
Quiescent Current
IOUT1 = 10 mA
Outputs 2 and 3 disabled
2.2
3.0
mA
VO1RST
Reset Threshold Voltage
K = VOUT1
K-0.4
K-0.25
K-0.10
V
VRTH
Reset Threshold Hysteresis
See circuit description.
30
75
120
mV
tRD
Reset Pulse Delay
Ce = 100 nF
See circuit description.
25
ms
VRL
Saturation Voltage in Reset
Condition
IRESET = 5 mA
0.4
V
IRH
Leakage Current in Normal
Condition, at RESET pin
VRESET = 10 V
10
mA
KOUT1
KOUT2
KOUT3
Output Voltage Thermal Drift
TJ = 0 to 125°C
100
ppm/°C
IOUT1SC
Short Circuit Output Current
VIN1 = 7 V
0.8
1.3
1.8
A
IOUT2SC
Short Circuit Output Current
VIN1 = 7 V
0.8
1.3
1.8
A
IOUT3SC
Short Circuit Output Current
VIN3 = 10 V
0.8
1.3
1.8
A
VDISH
Voltage High Level at DISABLE pin (Outputs 2 and 3 active)
2
V
VDISL
Voltage Low Level at DISABLE pin (Outputs 2 and 3 disabled)
0.8
V
IDIS
Bias Current at DISABLE pin
0 V < VDISABLE < 7 V
-100
2
mA
TJSD
Junction Temperature for Thermal Shutdown
150
°C
TSDH
Thermal Shutdown Temperature Hysteresis
15
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
K
OUT
DV
OUT
10
6
×
DTV
OUT
×
--------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com