Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5182 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 2SC5182
Description  SILICON TRANSISTOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5182 Datasheet(HTML) 3 Page - Renesas Technology Corp

  2SC5182 Datasheet HTML 1Page - Renesas Technology Corp 2SC5182 Datasheet HTML 2Page - Renesas Technology Corp 2SC5182 Datasheet HTML 3Page - Renesas Technology Corp 2SC5182 Datasheet HTML 4Page - Renesas Technology Corp 2SC5182 Datasheet HTML 5Page - Renesas Technology Corp 2SC5182 Datasheet HTML 6Page - Renesas Technology Corp 2SC5182 Datasheet HTML 7Page - Renesas Technology Corp 2SC5182 Datasheet HTML 8Page - Renesas Technology Corp 2SC5182 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
©
1994
DATA SHEET
SILICON TRANSISTOR
2SC5182
NPS EPITAXIAL SILICON TRANSISTOR IN MINI-MOLD PACKAGE
FOR LOW-NOISE MICROWAVE AMPLIFICATION
FEATURES
•
Low noise
•
NF = 1.3 dB TYP. @ VCE = 2 V, IC = 3 mA, f = 2 GHz
•
NF = 1.3 dB TYP. @ VCE = 1 V, IC = 3 mA, f = 2 GHz
•
Mini-Mold package
EIAJ: SC-59
ORDERING INFORMATION
PART
QUANTITY
ARRANGEMENT
NUMBER
2SC5182-T1
Embossed tape, 8 mm wide,
Pin No. 3 (Collector)
facing the perforations
2SC5182-T2
3 000 units/reel
Embossed tape, 8 mm wide,
Pins No. 1 (Emitter) and No. 2 (Base)
facing the perforations
* Contact your NEC sales representative to order samples for evaluation
(available in batches of 50).
ABSOLUTE MAXIMUM RATINGS (TA = 25 ˚C)
Collector to Base Voltage
VCBO
5V
Collector to Emitter Voltage
VCEO
3V
Emitter to Base Voltage
VEBO
2V
Collector Current
IC
30
mA
Total Power Dissipation
PT
90
mW
Junction Temperature
Tj
150
˚C
Storage Temperature
Tstg
–65 to +150
˚C
Caution; This transistor uses high-frequency technology. Be careful not to allow excessive current to flow through the transistor, including static electricity.
Document No. P12106EJ2V0DS00 (2nd edition)
(Previous No. TC-2479)
Date Published November 1996 N
Printed in Japan
PACKAGE DIMENSIONS
(Units: mm)
1.5
2.8±0.2
0.65 –0.15
+0.1
3
2
1
Marking
PIN CONNECTIONS
1. Emitter
2. Base
3. Collector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com