Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL6-LP Datasheet(PDF) 4 Page - IDEC Corporation

Part # AL6-LP
Description  A6 Series — Miniature Switches and Pilot Devices: 16mm
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

AL6-LP Datasheet(HTML) 4 Page - IDEC Corporation

  AL6-LP Datasheet HTML 1Page - IDEC Corporation AL6-LP Datasheet HTML 2Page - IDEC Corporation AL6-LP Datasheet HTML 3Page - IDEC Corporation AL6-LP Datasheet HTML 4Page - IDEC Corporation AL6-LP Datasheet HTML 5Page - IDEC Corporation AL6-LP Datasheet HTML 6Page - IDEC Corporation AL6-LP Datasheet HTML 7Page - IDEC Corporation AL6-LP Datasheet HTML 8Page - IDEC Corporation AL6-LP Datasheet HTML 9Page - IDEC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
ø16mm - A6 Series
Switches & Pilot Devices
544
www.IDEC.com
1705151131
AL6 Illuminated Pushbuttons (Assembled)
LED Illuminated Pushbuttons
Description
Style
Contact
Part Numbers
Momentary
Maintained (Latching)
Dustproof (IP40) Oiltight (IP65)
Dustproof (IP40)
Oiltight (IP65)
Standard
Lens
Round (18mm lens)
SPDT
DPDT
AL6M-M1➂-➁
AL6M-M2➂-➁
AL6M-M1➂P-➁
AL6M-M2➂P-➁
AL6M-A1➂-➁
AL6M-A2➂-➁
AL6M-A1➂P-➁
AL6M-A2➂P-➁
Square (18mm lens)
SPDT
DPDT
AL6Q-M1➂-➁
AL6Q-M2➂-➁
AL6Q-M1➂P-➁
AL6Q-M2➂P-➁
AL6Q-A1➂-➁
AL6Q-A2➂-➁
AL6Q-A1➂P-➁
AL6Q-A2➂P-➁
Rectangular (18mm x
24mm lens)
SPDT
DPDT
AL6H-M1l-➁
AL6H-M2l-➁
AL6H-M1lP-➁
AL6H-M2lP-➁
AL6H-A1l-➁
AL6H-A2l-➁
AL6H-A1lP-➁
AL6H-A2lP-➁
Oversize
Lens
Round (24mm lens)
SPDT
DPDT
–
AL6M-M1➂P-M➁
AL6M-M2➂P-M➁
–
AL6M-A1➂P-M➁
AL6M-A2➂P-M➁
Square (24mm lens)
SPDT
DPDT
–
AL6Q-M1➂P-Q➁
AL6Q-M2➂P-Q➁
–
AL6Q-A1➂P-Q➁
AL6Q-A2➂P-Q➁
Rectangular (18mm x
24mm lens)
SPDT
DPDT
–
AL6Q-M1➂P-H➁
AL6Q-M2➂P-H➁
–
AL6Q-A1➂P-H➁
AL6Q-A2➂P-H➁
1. In place of ➁, specify Lens/LED Color Code from table below.
2. In place of ➂, specify Voltage Code from table below.
3. Lamps also available in 5V DC, 6V AC/DC or 12 V AC/DC, change “4” using voltage/lamp codes (ie AL6M-M13-k uses 12V AC/DC LED).
4. LED lamp is included in unit and contains a current-limiting resistor and a protection diode. (External resistor not required.)
5. To order as sub-assembled, see page.
6. For accessories, see page.
7. For dimensions, see page.
8. Light independent of switch position.
l
Voltage Code
Voltage
Code
5V DC
1
6V AC/DC
2
12V AC/DC 3
24V AC/DC 4
k
Lens/LED Color Code
Color
Code
Amber
A
Green
G
Red
R
Blue
S
Warm White
W
Cool White
JW
Yellow
Y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com